Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4305DDR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP4305DDR2G
Description  Secondary Side Synchronous Rectification Driver
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4305DDR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP4305DDR2G Datasheet HTML 3Page - ON Semiconductor NCP4305DDR2G Datasheet HTML 4Page - ON Semiconductor NCP4305DDR2G Datasheet HTML 5Page - ON Semiconductor NCP4305DDR2G Datasheet HTML 6Page - ON Semiconductor NCP4305DDR2G Datasheet HTML 7Page - ON Semiconductor NCP4305DDR2G Datasheet HTML 8Page - ON Semiconductor NCP4305DDR2G Datasheet HTML 9Page - ON Semiconductor NCP4305DDR2G Datasheet HTML 10Page - ON Semiconductor NCP4305DDR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
NCP4305
www.onsemi.com
7
ELECTRICAL CHARACTERISTICS
−40
°C ≤ TJ ≤ 125°C; VCC = 12 V; CDRV = 0 nF; RMIN_TON = RMIN_TOFF = 10 kW; VTRIG/DIS = 0 V; VLLD = 0 V; VCS = −1 to +4 V; fCS =
100 kHz, DCCS = 50%, unless otherwise noted. Typical values are at TJ = +25°C
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
SUPPLY SECTION
Current Consumption,
RMIN_TON = RMIN_TOFF = 0 kW
CLOAD = 0 nF, fSW = 500 kHz
A, C
ICC
3.3
4.0
5.6
mA
B, D, Q
3.8
4.5
6.0
CLOAD = 1 nF, fSW = 500 kHz
A, C
4.5
6.0
7.5
B, D, Q
7.7
9.0
10.7
CLOAD = 10 nF, fSW = 500 kHz
A, C
20
25
30
B, D, Q
40
50
60
Current Consumption
No switching, VCS = 0 V, RMIN_TON = RMIN_TOFF
= 0 k
ICC
1.5
2.0
2.5
mA
Current Consumption below UVLO
No switching, VCC = VCCOFF – 0.1 V, VCS = 0 V
ICC_UVLO
75
125
mA
Current Consumption in Disable
Mode
VLLD = VCC − 0.1 V, VCS = 0 V
ICC_DIS
40
55
70
mA
VTRIG = 5 V, VLLD = VCC – 3 V, VCS = 0 V
45
65
80
DRIVER OUTPUT
Output Voltage Rise−Time
CLOAD = 10 nF, 10% to 90% VDRVMAX
tr
40
55
ns
Output Voltage Fall−Time
CLOAD = 10 nF, 90% to 10% VDRVMAX
tf
20
35
ns
Driver Source Resistance
RDRV_SOURCE
1.2
W
Driver Sink Resistance
RDRV_SINK
0.5
W
Output Peak Source Current
IDRV_SOURCE
4
A
Output Peak Sink Current
IDRV_SINK
8
A
Maximum Driver Output Voltage
VCC = 35 V, CLOAD > 1 nF, VLLD = 0 V,
(ver. B, D and Q)
VDRVMAX
9.0
9.5
10.5
V
VCC = 35 V, CLOAD > 1 nF, VLLD = 0 V, (ver. A, C)
4.3
4.7
5.5
Minimum Driver Output Voltage
VCC = VCCOFF + 200 mV, VLLD = 0 V, (ver. B)
VDRVMIN
7.2
7.8
8.5
V
VCC = VCCOFF + 200 mV, VLLD = 0 V, (ver. C)
4.2
4.7
5.3
VCC = VCCOFF + 200 mV, VLLD = 0 V, (ver. A)
3.6
4.0
4.4
VCC = VCCOFF + 200 mV, VLLD = 0 V, (ver. D, Q)
3.8
4.0
4.4
Minimum Driver Output Voltage
VLLD = VCC − VLLDREC V
VDRVLLDMIN
0.0
0.4
1.2
V
CS INPUT
Total Propagation Delay From CS
to DRV Output On
VCS goes down from 4 to −1 V, tf_CS = 5 ns
tPD_ON
35
60
ns
Total Propagation Delay From CS
to DRV Output Off
VCS goes up from −1 to 4 V, tr_CS = 5 ns
tPD_OFF
12
23
ns
CS Bias Current
VCS = −20 mV
ICS
−105
−100
−95
mA
Turn On CS Threshold Voltage
VTH_CS_ON
−120
−75
−40
mV
Turn Off CS Threshold Voltage
Guaranteed by Design
VTH_CS_OFF
−1
0
mV
Turn Off Timer Reset Threshold
Voltage
VTH_CS_RESET
0.42
0.48
0.54
V
CS Leakage Current
VCS = 200 V
ICS_LEAKAGE
0.4
mA
TRIGGER DISABLE INPUT
Minimum Trigger Pulse Duration
VTRIG = 5 V; Shorter pulses may not be
proceeded
tTRIG_PW_MIN
10
ns
Trigger Threshold Voltage
VTRIG_TH
1.95
2.02
2.15
V
Trigger to DRV Propagation Delay
VTRIG goes from 0 to 5 V, tr_TRIG = 5 ns
tPD_TRIG
7.5
12.5
ns
Trigger Blank Time After DRV
Turn−on Event
VCS drops below VTH_CS_ON
tTRIG_BLANK
35
50
65
ns


Similar Part No. - NCP4305DDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
   Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
NCP4300A ONSEMI-NCP4300A Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
NCP4300A ONSEMI-NCP4300A Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
NCP4300AD ONSEMI-NCP4300AD Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
NCP4300ADG ONSEMI-NCP4300ADG Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
More results

Similar Description - NCP4305DDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4306 ONSEMI-NCP4306 Datasheet
1Mb / 49P
   Secondary Side Synchronous Rectification Driver
December, 2017 ??Rev. 1
logo
International Rectifier
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5004PBF IRF-IRFH5004PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5010PBF IRF-IRFH5010PBF_15 Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com