Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4305QDR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP4305QDR2G
Description  Secondary Side Synchronous Rectification Driver
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4305QDR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP4305QDR2G Datasheet HTML 6Page - ON Semiconductor NCP4305QDR2G Datasheet HTML 7Page - ON Semiconductor NCP4305QDR2G Datasheet HTML 8Page - ON Semiconductor NCP4305QDR2G Datasheet HTML 9Page - ON Semiconductor NCP4305QDR2G Datasheet HTML 10Page - ON Semiconductor NCP4305QDR2G Datasheet HTML 11Page - ON Semiconductor NCP4305QDR2G Datasheet HTML 12Page - ON Semiconductor NCP4305QDR2G Datasheet HTML 13Page - ON Semiconductor NCP4305QDR2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
NCP4305
www.onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 15. CS Current, VCS = −20 mV
Figure 16. CS Current, VCC = 12 V
TJ (°C)
VCS (V)
100
80
60
40
20
0
−20
−40
−110
−106
−104
−100
−98
−96
−94
−90
0.8
0.6
0.2
0
−0.2
−0.4
−0.8
−1.0
−1.4
−1.2
−1.0
−0.8
−0.6
−0.4
−0.2
0
Figure 17. Supply Current vs. CS Voltage,
VCC = 12 V
Figure 18. CS Turn−on Threshold
VCS (V)
TJ (°C)
3
2
1
0
−1
−2
−3
−4
0
0.5
1.0
1.5
2.0
2.5
3.0
100
80
60
40
20
0
−20
−40
−150
−130
−110
−90
−70
−50
−30
Figure 19. CS Turn−off Threshold
Figure 20. CS Reset Threshold
TJ (°C)
TJ (°C)
100
80
60
40
20
0
−20
−40
−2.0
−1.5
−1.0
−0.5
0
0.5
1.0
0.40
0.45
0.50
0.55
0.60
120
−92
−102
−108
−0.6
0.4
1.0
4
TJ = 125°C
TJ = 85°C
TJ = 55°C
TJ = 25°C
TJ = 0°C
TJ = −20°C
TJ = −40°C
TJ = 125°C
TJ = 85°C
TJ = 55°C
TJ = 25°C
TJ = 0°C
TJ = −20°C
TJ = −40°C
120
120
100
80
60
40
20
0
−20
−40
120


Similar Part No. - NCP4305QDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
   Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
NCP4300A ONSEMI-NCP4300A Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
NCP4300A ONSEMI-NCP4300A Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
NCP4300AD ONSEMI-NCP4300AD Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
NCP4300ADG ONSEMI-NCP4300ADG Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
More results

Similar Description - NCP4305QDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4306 ONSEMI-NCP4306 Datasheet
1Mb / 49P
   Secondary Side Synchronous Rectification Driver
December, 2017 ??Rev. 1
logo
International Rectifier
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5004PBF IRF-IRFH5004PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5010PBF IRF-IRFH5010PBF_15 Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com