Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100325 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100325
Description  Low Power Hex ECL-to-TTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100325 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  100325 Datasheet HTML 1Page - National Semiconductor (TI) 100325 Datasheet HTML 2Page - National Semiconductor (TI) 100325 Datasheet HTML 3Page - National Semiconductor (TI) 100325 Datasheet HTML 4Page - National Semiconductor (TI) 100325 Datasheet HTML 5Page - National Semiconductor (TI) 100325 Datasheet HTML 6Page - National Semiconductor (TI) 100325 Datasheet HTML 7Page - National Semiconductor (TI) 100325 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Above which the useful life may be impaired.
Storage Temperature (T
STG)
−65˚C to +150˚C
Maximum Junction Temperature (T
J)
Ceramic
+175˚C
V
EE Pin Potential to Ground Pin
−7.0V to +0.5V
V
TTL Pin Potential to Ground Pin
−0.5V to +6.0V
Input Voltage (DC)
V
EE to +0.5V
Voltage Applied to Output
in HIGH State (with V
CC = 0V)
−0.5V to V
CC
Current Applied to Output
in LOW State (Max)
twice the rated I
OL (mA)
ESD (Note 2)
≥2000V
Recommended Operating
Conditions
Case Temperature (T
C)
Military
−55˚C to +125˚C
Supply Voltage (V
EE)
−5.7V to −4.2V
Note 1: Absolute maximum ratings are those values beyond which the de-
vice may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: ESD testing conforms to MIL-STD-883, Method 3015.
Military Version
DC Electrical Characteristics
V
EE = −4.2V to −5.7V, VCC = VCCA = GND, TC = −55˚C to +125˚C, CL = 50 pF, VTTL = +4.5V to +5.5V
Symbol
Parameter
Min
Max
Units
TC
Conditions
Notes
VBB
Output Reference Voltage
−1380
−1260
0˚C to +125˚C
IVBB = −3 µA, VEE = −4.2V
(Notes 3,
4, 5)
mV
IVBB = −2.1 mA
VEE = −5.7V
−1396
−1260
−55˚C
IVBB = −3 mA
VIH
Input HIGH Voltage
−1165
−870
mV
−55˚C to +125˚C
Guaranteed HIGH Signal for All Inputs
(Notes 3,
4, 5, 6)
(with One Input Tied to VBB)
VIL
Input LOW Voltage
−1830
−1475
mV
−55˚C to +125˚C
Guaranteed LOW Signal for All Inputs
(Notes 3,
4, 5, 6)
(with One Input Tied to VBB)
VOH
Output HIGH Voltage
2.5
mV
0˚C to +125˚C
IOH = −2.0 mA
VIN = VIH (Max)
(Notes 3,
4, 5)
2.4
−55˚C
or VIL (Min)
VOL
Output LOW Voltage
0.5
mV
−55˚C to +125˚C
IOL = 20 mA
VDIFF
Input Voltage Differential
150
mV
−55˚C to +125˚C
Required for Full Output Swing
(Notes 3,
4, 5)
VCM
Common Mode Voltage
−2000
−500
mV
−55˚C to +125˚C
(Notes 3,
4, 5, 6)
IIH
Input HIGH Current
350
µA
0˚C to +125˚C
VIN = VIH (Max),D0–D5 = VBB ,
(Notes 3,
4, 5)
500
−55˚C
D0–D5 = VIL (Min)
IIL
Input LOW Current
0.50
µA
−55˚C to +125˚C
VIN = VIL (Min), D0–D5 = VBB
(Notes 3,
4, 5)
IOS
Output Short Circuit
−150
−60
mA
−55˚C to +125˚C
VOUT = GND
(Notes 3,
4, 5)
Current
Test One Output at a Time
ICEX
Output HIGH
250
µA
−55˚C to +125˚C
VOUT = 5.5V
(Notes 3,
4, 5)
Leakage Current
IEE
VEE Power Supply Current
−35
−12
mA
−55˚C to +125˚C
D0–D5 = VBB
(Notes 3,
4, 5)
ITTL
VTTL Power Supply Current
65
mA
−55˚C to +125˚C
D0–D5 = VBB
(Notes 3,
4, 5)
Note 3: F100K 300 Series cold temperature testing is performed by temperature soaking (to guarantee junction temperature equals −55˚C), then testing immediately
without allowing for the junction temperature to stabilize due to heat dissipation after power-up. This provides “cold start” specs which can be considered a worst case
condition at cold temperatures.
Note 4: Screen tested 100% on each device at −55˚C, +25˚C, and +125˚C, Subgroups 1, 2, 3, 7, and 8.
Note 5: Sample tested (Method 5005, Table I) on each manufactured lot at −55˚C, + 25˚C, and +125˚C, Subgroups A1, 2, 3, 7, and 8.
Note 6: Guaranteed by applying specified input condition and testing VOH/VOL.
3
www.national.com


Similar Part No. - 100325

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100325 FAIRCHILD-100325 Datasheet
87Kb / 9P
   Low Power Hex ECL-to-TTL Translator
logo
Texas Instruments
100325 TI1-100325 Datasheet
163Kb / 8P
[Old version datasheet]   Low Power Hex ECL-to-TTL Translator
logo
Fairchild Semiconductor
100325PC FAIRCHILD-100325PC Datasheet
87Kb / 9P
   Low Power Hex ECL-to-TTL Translator
100325QC FAIRCHILD-100325QC Datasheet
87Kb / 9P
   Low Power Hex ECL-to-TTL Translator
100325QI FAIRCHILD-100325QI Datasheet
87Kb / 9P
   Low Power Hex ECL-to-TTL Translator
More results

Similar Description - 100325

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100325 NSC-F100325 Datasheet
171Kb / 7P
   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324 Datasheet
103Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
Fairchild Semiconductor
100324 FAIRCHILD-100324 Datasheet
82Kb / 8P
   Low Power Hex TTL-to-ECL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324_06 Datasheet
506Kb / 6P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
SY100S325 MICREL-SY100S325 Datasheet
100Kb / 5P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
logo
Texas Instruments
100325 TI1-100325 Datasheet
163Kb / 8P
[Old version datasheet]   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S325 MICREL-SY100S325_06 Datasheet
503Kb / 6P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
SY100S324 MICREL-SY100S324_07 Datasheet
86Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
Fairchild Semiconductor
100325 FAIRCHILD-100325 Datasheet
87Kb / 9P
   Low Power Hex ECL-to-TTL Translator
logo
National Semiconductor ...
100324 NSC-100324 Datasheet
117Kb / 6P
   Low Power Hex TTL-to-ECL Translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com