Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4352 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP4352
Description  Secondary Side SMPS ECO Mode Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4352 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP4352 Datasheet HTML 2Page - ON Semiconductor NCP4352 Datasheet HTML 3Page - ON Semiconductor NCP4352 Datasheet HTML 4Page - ON Semiconductor NCP4352 Datasheet HTML 5Page - ON Semiconductor NCP4352 Datasheet HTML 6Page - ON Semiconductor NCP4352 Datasheet HTML 7Page - ON Semiconductor NCP4352 Datasheet HTML 8Page - ON Semiconductor NCP4352 Datasheet HTML 9Page - ON Semiconductor NCP4352 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NCP4352
www.onsemi.com
10
PACKAGE DIMENSIONS
TSOP−6
CASE 318G−02
ISSUE V
23
4
5
6
D
1
e
b
E1
A1
A
0.05
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH. MINIMUM
LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL.
4. DIMENSIONS D AND E1 DO NOT INCLUDE MOLD FLASH,
PROTRUSIONS, OR GATE BURRS. MOLD FLASH, PROTRUSIONS, OR
GATE BURRS SHALL NOT EXCEED 0.15 PER SIDE. DIMENSIONS D
AND E1 ARE DETERMINED AT DATUM H.
5. PIN ONE INDICATOR MUST BE LOCATED IN THE INDICATED ZONE.
c
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
DIM
A
MIN
NOM
MAX
MILLIMETERS
0.90
1.00
1.10
A1
0.01
0.06
0.10
b
0.25
0.38
0.50
c
0.10
0.18
0.26
D
2.90
3.00
3.10
E
2.50
2.75
3.00
e
0.85
0.95
1.05
L
0.20
0.40
0.60
0.25 BSC
L2
0
°
10
°
1.30
1.50
1.70
E1
E
RECOMMENDED
NOTE 5
L
C
M
H
L2
SEATING
PLANE
GAUGE
PLANE
DETAIL Z
DETAIL Z
0.60
6X
3.20
0.95
6X
0.95
PITCH
DIMENSIONS: MILLIMETERS
M
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NCP4352/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NCP4352

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP435 ONSEMI-NCP435 Datasheet
700Kb / 10P
   2A Ultra-Small Controlled Load Switch with
March, 2013 ??Rev. 4
NCP435 ONSEMI-NCP435 Datasheet
649Kb / 10P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 5
NCP4350 ONSEMI-NCP4350 Datasheet
139Kb / 10P
   Supervisory IC
September, 2007 - Rev. 0
NCP4350DR2G ONSEMI-NCP4350DR2G Datasheet
139Kb / 10P
   Supervisory IC
September, 2007 - Rev. 0
NCP4353 ONSEMI-NCP4353 Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
More results

Similar Description - NCP4352

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4353 ONSEMI-NCP4353_15 Datasheet
274Kb / 17P
   Secondary Side SMPS OFF Mode Controller
April, 2015 ??Rev. 4
NCP4355 ONSEMI-NCP4355 Datasheet
203Kb / 17P
   Secondary Side SMPS OFF Mode Controller
August, 2013 ??Rev. 1
NCP4353 ONSEMI-NCP4353_12 Datasheet
310Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 2
NCP4354ADR2G ONSEMI-NCP4354ADR2G Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4354BDR2G ONSEMI-NCP4354BDR2G Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4355 ONSEMI-NCP4355_12 Datasheet
190Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 0
logo
Texas Instruments
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
UC1826 TI1-UC1826_08 Datasheet
508Kb / 12P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com