Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4355ADR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP4355ADR2G
Description  Secondary Side SMPS OFF Mode Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4355ADR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP4355ADR2G Datasheet HTML 3Page - ON Semiconductor NCP4355ADR2G Datasheet HTML 4Page - ON Semiconductor NCP4355ADR2G Datasheet HTML 5Page - ON Semiconductor NCP4355ADR2G Datasheet HTML 6Page - ON Semiconductor NCP4355ADR2G Datasheet HTML 7Page - ON Semiconductor NCP4355ADR2G Datasheet HTML 8Page - ON Semiconductor NCP4355ADR2G Datasheet HTML 9Page - ON Semiconductor NCP4355ADR2G Datasheet HTML 10Page - ON Semiconductor NCP4355ADR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NCP4355
http://onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 10. VCCUVLO
Figure 11. VOFFDETTH at VCC = 15 V
TJ (°C)
TJ (°C)
100
80
60
40
20
0
−20
−40
3.4
3.5
3.6
3.7
3.9
4.0
4.1
4.2
1.47
1.48
1.49
1.50
1.51
1.52
1.53
Figure 12. IONOFF at VCC = 15 V
Figure 13. IBIASV at VCC = 15 V,
VSNS > VSNSBIASTH
TJ (°C)
TJ (°C)
135
140
145
150
160
165
170
175
−2.6
−2.5
−2.4
−2.3
−2.2
−2.1
−2.0
−1.9
Figure 14. ICC in Regulation at VCC = 15 V for
NCP4355B
Figure 15. ICC in Regulation at TJ = 255C
for NCP4355B
TJ (°C)
VCC (V)
70
75
80
90
100
105
115
120
36
30
24
18
12
6
0
3.8
120
VCCUVLO_R
VCCUVLO_F
100
80
60
40
20
0
−20
−40
120
100
80
60
40
20
0
−20
−40
120
155
100
80
60
40
20
0
−20
−40
120
100
80
60
40
20
0
−20
−40
120
85
95
110
70
75
80
90
100
105
115
120
85
95
110


Similar Part No. - NCP4355ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4355 ONSEMI-NCP4355_12 Datasheet
190Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 0
More results

Similar Description - NCP4355ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4353 ONSEMI-NCP4353_15 Datasheet
274Kb / 17P
   Secondary Side SMPS OFF Mode Controller
April, 2015 ??Rev. 4
NCP4352 ONSEMI-NCP4352 Datasheet
98Kb / 10P
   Secondary Side SMPS ECO Mode Controller
August, 2015 ??Rev. 0
NCP4353 ONSEMI-NCP4353_12 Datasheet
310Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 2
NCP4354ADR2G ONSEMI-NCP4354ADR2G Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4354BDR2G ONSEMI-NCP4354BDR2G Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4355 ONSEMI-NCP4355_12 Datasheet
190Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 0
logo
Infineon Technologies A...
ICE2AS01 INFINEON-ICE2AS01_06 Datasheet
1Mb / 24P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Jun 2006
ICE3BR1065JF INFINEON-ICE3BR1065JF_11 Datasheet
2Mb / 36P
   Off-Line SMPS Current Mode Controller
Version 2.1, 6 May 2011
ICE3BR4765JZ INFINEON-ICE3BR4765JZ Datasheet
1Mb / 32P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Aug 2011
TDA16822 INFINEON-TDA16822 Datasheet
240Kb / 14P
   Off-Line SMPS Current Mode Controller
V2.0, 11 April 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com