Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA3286 Datasheet(PDF) 5 Page - ON Semiconductor

Part # SA3286
Description  Pre-configured DSP System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA3286 Datasheet(HTML) 5 Page - ON Semiconductor

  SA3286 Datasheet HTML 1Page - ON Semiconductor SA3286 Datasheet HTML 2Page - ON Semiconductor SA3286 Datasheet HTML 3Page - ON Semiconductor SA3286 Datasheet HTML 4Page - ON Semiconductor SA3286 Datasheet HTML 5Page - ON Semiconductor SA3286 Datasheet HTML 6Page - ON Semiconductor SA3286 Datasheet HTML 7Page - ON Semiconductor SA3286 Datasheet HTML 8Page - ON Semiconductor SA3286 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
INSPIRIA SA3286
www.onsemi.com
5
TYPICAL APPLICATIONS
Figure 2. Test Circuit
3k9
3k9
1 k
1 k
200 k
LP
OUT
16
3
2
14
15
1
12
13
6
7
8
9
10
11
Programming
Interface
EEPROM
Control
A/D
A/D
A/D
Clock
Generator
POR
Circuitry
Cross
Fader
MIC/
Comp
AGCO
Feedback
Canceller
Noise Reduction (128 bands)
Graphic EQ (16 bands)
Memory
Select
Frequency
Band
Analysis
Frequency
Band
Synthesis
Wide−
128 bands
Voltage
Regulator
Volume
Control
Pre
Biquad
Filters
Adaptive
Directional
Microphone
or
FrontWave
Data
Logging
WDRC (1,2,4,6 or 8 channels)
Σ
and Shaper
Noise Generator
Post
Biquad
Filters
Gain
Σ
* If Input Mode = 1 mic omni, mic + telecoil, mic + DAI
** If Input Mode = 2 mic omni, rear only, directional
Filter
VB
Acoustic
Indicators
Peak
Clipper
D/A
HBridge
Environmental
Classification
M
U
X
54
TCOIL
band
Post
Biquad
Filters
*
**
Figure 3. Typical Application Circuit
16
3
2
14
15
1
12
13
6
7
8
9
10
11
Knowles or
Microtronic
zero−bias
receiver
Programming
Interface
EEPROM
Control
A/D
A/D
A/D
Clock
Generator
POR
Circuitry
Cross
Fader
MIC/
Comp
AGCO
Feedback
Canceller
Noise Reduction (128 bands)
Graphic EQ (16 bands)
Memory
Select
Frequency
Band
Analysis
Frequency
Band
Synthesis
Wide−
128 bands
Voltage
Regulator
Volume
Control
Pre
Biquad
Filters
Adaptive
Directional
Microphone
or
FrontWave
Data
Logging
WDRC (1,2,4,6 or 8 channels)
and Shaper
Noise Generator
Post
Biquad
Filters
Gain
S
* If Input Mode = 1 mic omni, mic + telecoil, mic + DAI
** If Input Mode = 2 mic omni, rear only, directional
M
U
X
54
TCOIL
Environmental
Classification
band
Post
Biquad
Filters
S
VB
Peak
Clipper
D/A
HBridge
Acoustic
Indicators
*
**


Similar Part No. - SA3286

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA32-11SRWA KINGBRIGHT-SA32-11SRWA Datasheet
61Kb / 3P
   8mm (0.32INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
ON Semiconductor
SA3229 ONSEMI-SA3229 Datasheet
128Kb / 16P
   Preconfigured DSP System
May, 2016 ??Rev. 0
SA3229-E1 ONSEMI-SA3229-E1 Datasheet
128Kb / 16P
   Preconfigured DSP System
May, 2016 ??Rev. 0
SA3229-E1-T ONSEMI-SA3229-E1-T Datasheet
128Kb / 16P
   Preconfigured DSP System
May, 2016 ??Rev. 0
logo
List of Unclassifed Man...
SA3244 ETC2-SA3244 Datasheet
96Kb / 2P
   Screw Terminal Inserts - fit all body styles
More results

Similar Description - SA3286

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
GA3227 ONSEMI-GA3227 Datasheet
165Kb / 13P
   Pre-configured DSP System
January, 2015 ??Rev. 6
GA3284 ONSEMI-GA3284 Datasheet
203Kb / 15P
   Pre-configured DSP System
August, 2015 ??Rev. 6
GA3219 ONSEMI-GA3219 Datasheet
211Kb / 14P
   Pre-configured DSP System
August, 2015 ??Rev. 4
GA3216 ONSEMI-GA3216 Datasheet
212Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev. 12
GA3285 ONSEMI-GA3285 Datasheet
225Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev 3
SB3231 ONSEMI-SB3231 Datasheet
142Kb / 18P
   Pre-configured DSP System
November, 2014 ??Rev. 4
R3110 ONSEMI-R3110 Datasheet
161Kb / 14P
   Pre-fit DSP Solution
February, 2015 ??Rev. 1
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3229 ONSEMI-SB3229 Datasheet
135Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 5
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com