Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB3231-E1 Datasheet(PDF) 10 Page - ON Semiconductor

Part # SB3231-E1
Description  Pre-configured DSP System
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB3231-E1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button SB3231-E1 Datasheet HTML 6Page - ON Semiconductor SB3231-E1 Datasheet HTML 7Page - ON Semiconductor SB3231-E1 Datasheet HTML 8Page - ON Semiconductor SB3231-E1 Datasheet HTML 9Page - ON Semiconductor SB3231-E1 Datasheet HTML 10Page - ON Semiconductor SB3231-E1 Datasheet HTML 11Page - ON Semiconductor SB3231-E1 Datasheet HTML 12Page - ON Semiconductor SB3231-E1 Datasheet HTML 13Page - ON Semiconductor SB3231-E1 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
RHYTHM SB3231
www.onsemi.com
10
Memory Select Switches
One or two, two−pole Memory Select (MS) switches can
be used with Rhythm SB3231. This enables user s
tremendous flexibility in switching between configurations.
Up to four memories can be configured and selected by the
MS switches on Rhythm SB3231. Memory A must always
be valid. The MS switches are either momentary or static
and are fully configurable through IDS in the IDS setting
tab.
The behavior of the MS switches is controlled by two
main parameters in IDS:
MSSmode: this mode determines whether a
connected switch is momentary or static.
Donly: this parameter determines whether the MS2
switch is dedicated to the last memory position
There are four basic MS switch modes of operation as
shown in Table 4 below.
Table 4. MS SWITCH MODES
MS Switch Mode
MS1 Switch
MS2 Switch
Max # of Valid
Memories
Donly
MSSMode
Use
Mode 1
Momentary
None
4
Off
Momentary
Simplest configuration
Mode 2
Momentary
Static
4
On
Momentary
Jump to last memory
Mode 3
Static
Static
4
Off
Static
Binary selection of memory
Mode 4
Static
Static
3
On
Static
Jump to last memory
The flexibility of the MS switches is further increased by
allowing the MS switches to be wired to GND or VBAT,
corresponding to an active low or active high logic level on
the MS pins. This option is configured with the
MSPullUpDown/MS2PullUpDown setting in the IDS
settings tab as shown in Table 5 below.
Table 5. MS SWITCH LOGIC LEVELS VS. IDS PULLUPDOWN SETTINGS
“PullUpDown” Setting in IDS
MS Switch State
MS Input Logic Level
Switch Connection
Pulldown
CLOSED
HI
To VBAT
Pulldown
OPEN
LOW
To VBAT
Pullup
CLOSED
LOW
To GND
Pullup
OPEN
HI
To GND
In the following mode descriptions, it is assumed that the
PullUpDown setting has been properly configured for the
MS switch wiring so that a CLOSED switch state is at the
correct input logic level.
Mode 1: Momentary Switch on MS1
This mode uses a single momentary switch on MS1 input
to change memories. Using this mode causes the part to start
in memory A, and whenever the button is pressed, the next
valid memory is loaded. When the user is in the last valid
memory, a button press causes memory A to be loaded.
Thus, the possible selection sequences are:
If 4 valid memories: ABCDABCDA…
If 3 valid memories: ABCABCA…
If 2 valid memories: ABABA…
If 1 valid memory: AAA…
Mode 2: Momentary Switch on MS1, Static Switch on
MS2 (D−only, Jump to Last Memory)
This mode uses a static switch on MS2 and a momentary
switch on MS1 to change memories. It can be used to support
the Automatic Telecoil feature, see section Automatic
Telecoil.
If the static switch on MS2 is OPEN, the part starts in
memory A and is controlled by the momentary switch on
MS1 as described in section Momentary Switch on MS1,
with the exception that memory D is not used. If the static
switch on MS2 is set to CLOSED, the part automatically
jumps to memory D (occurs on startup or during normal
operation). In this setup, the state of the momentary switch
on MS1 is ignored. When MS2 is set to OPEN, the part loads
in the memory that was active prior to jumping to memory
D.
The possible memory selection sequences are:
If MS2 = OPEN and there are four valid memories, MS1
selects: ABCABCA
If MS2 = OPEN and there are three valid memories, MS1
selects: ABABA
If MS2 = OPEN and there is one valid memory: A
If MS2 = CLOSED: D
Mode 3: Static Switch on MS1 and MS2
This mode uses two static switches to change memories.
In this mode, it is possible to jump from any memory to any
other memory by changing the state of both switches. If the
two switches are changed one after the other, the part


Similar Part No. - SB3231-E1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
More results

Similar Description - SB3231-E1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
GA3227 ONSEMI-GA3227 Datasheet
165Kb / 13P
   Pre-configured DSP System
January, 2015 ??Rev. 6
GA3284 ONSEMI-GA3284 Datasheet
203Kb / 15P
   Pre-configured DSP System
August, 2015 ??Rev. 6
SA3286 ONSEMI-SA3286 Datasheet
289Kb / 16P
   Pre-configured DSP System
July, 2015 ??Rev. 2
GA3219 ONSEMI-GA3219 Datasheet
211Kb / 14P
   Pre-configured DSP System
August, 2015 ??Rev. 4
GA3216 ONSEMI-GA3216 Datasheet
212Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev. 12
GA3285 ONSEMI-GA3285 Datasheet
225Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev 3
R3110 ONSEMI-R3110 Datasheet
161Kb / 14P
   Pre-fit DSP Solution
February, 2015 ??Rev. 1
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3229 ONSEMI-SB3229 Datasheet
135Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 5
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com