Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB07-03P-TD-E Datasheet(PDF) 2 Page - ON Semiconductor

Part # SB07-03P-TD-E
Description  Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB07-03P-TD-E Datasheet(HTML) 2 Page - ON Semiconductor

  SB07-03P-TD-E Datasheet HTML 1Page - ON Semiconductor SB07-03P-TD-E Datasheet HTML 2Page - ON Semiconductor SB07-03P-TD-E Datasheet HTML 3Page - ON Semiconductor SB07-03P-TD-E Datasheet HTML 4Page - ON Semiconductor SB07-03P-TD-E Datasheet HTML 5Page - ON Semiconductor SB07-03P-TD-E Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SB07-03P
No.2981-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reverse Voltage
VR
IR=300μA30
V
Forward Voltage
VF
IF=700mA
0.55
V
Reverse Current
IR
VR=15V
80
μA
Interterminal Capacitance
C
VR=10V, f=1MHz
26
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
10
ns
Thermal Resistance
Rth(j-a)1
310
°C / W
Rth(j-a)2
When mounted on ceramic substrate (250mm2×0.8mm)
120
°C / W
trr Test Circuit
Ordering Information
Device
Package
Shipping
memo
SB07-03P-TD-E
PCP
1,000pcs./reel
Pb Free
Duty
10%
50
Ω
100
Ω
10
Ω
--5V
trr
10
μs


Similar Part No. - SB07-03P-TD-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB07-03P-TD-E SANYO-SB07-03P-TD-E Datasheet
425Kb / 6P
   30V, 700mA Rectifier
More results

Similar Description - SB07-03P-TD-E

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com