Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37536E8SP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M37536E8SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37536E8SP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M37536E8SP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37536E8SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37536E8SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37536E8SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37536E8SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37536E8SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37536E8SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37536E8SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37536E8SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
7536 Group
MITSUBISHI MICROCOMPUTERS
2
PIN CONFIGURATION (TOP VIEW)
Fig. 2 Pin configuration of M37536RSS
Outline 42S1M
10
1
2
3
4
6
7
8
9
11
12
14
15
16
5
13
17
18
36
35
34
33
31
30
26
25
24
23
22
32
27
29
28
19
20
21
42
41
40
39
37
38
P00
CNVSS
XOUT
XIN
VSS
P01
P02
P03
P04
P30(LED0)
Vcc
VREF
P05
P12/SCLK
P25/AN5
P26/AN6
P13/SDATA
P14/CNTR0
P15
P22/AN2
NC
P21/AN1
P20/AN0
P31(LED1)
P36(LED6)/INT1
P23/AN3
P24/AN4
P06
P07
P37/INT0
RESET
P16
P35(LED5)
P34(LED4)
P33(LED3)
P32(LED2)
USBVREFOUT
P10/RXD/D-
P11/TXD/D+
P40
P41
P27/AN7


Similar Part No. - M37536E8SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37530T-PTC RENESAS-M37530T-PTC Datasheet
208Kb / 1P
   Converter for Connecting 42-pin 1.778mm-pitch SDIP to a 40-pin Narrow-pitch Connector (for 7531, 7540, 7542 and 7544 Groups)
M37530T-PTCB RENESAS-M37530T-PTCB Datasheet
319Kb / 1P
   Converter for Connecting 40-pin Narrow-pitch Connector to 32-pin 0.8mm-pitch LQFP (for 7531, 7532, 7534, 7540, 7542 and 7544 Groups)
M37530T-PTCC RENESAS-M37530T-PTCC Datasheet
181Kb / 1P
   Converter for Connecting 42-pin RSS Type Emulator MCU to 32-pin 1.778mm-pitch SDIP (for 7531, 7540, 7542 and 7544 Groups)
logo
Mitsubishi Electric Sem...
M37531E4FP MITSUBISHI-M37531E4FP Datasheet
2Mb / 76P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37531E4GP MITSUBISHI-M37531E4GP Datasheet
2Mb / 76P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37536E8SP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com