Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100336D Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100336D
Description  Low Power 4-Stage Counter/Shift Register
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100336D Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button 100336D Datasheet HTML 7Page - National Semiconductor (TI) 100336D Datasheet HTML 8Page - National Semiconductor (TI) 100336D Datasheet HTML 9Page - National Semiconductor (TI) 100336D Datasheet HTML 10Page - National Semiconductor (TI) 100336D Datasheet HTML 11Page - National Semiconductor (TI) 100336D Datasheet HTML 12Page - National Semiconductor (TI) 100336D Datasheet HTML 13Page - National Semiconductor (TI) 100336D Datasheet HTML 14Page - National Semiconductor (TI) 100336D Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Switching Waveforms (Continued)
DS100307-17
Note:
*Decimal representation of binary outputs.
Count Up: S0 = L, S1 = H, S2 = H; Count Down: S0 = L, S 1 = L, S2 = H.
Measurement taken at 50% point of waveform.
FIGURE 9. Propagation Delay, Clock to Terminal Count (Count Up and Count Down Modes)
DS100307-18
Note: Shift Right Mode; S0 = H, S1 = H, S2 = L.
FIGURE 10. Propagation Delay, Master Reset to Terminal Count (Shift Right Mode)
DS100307-19
Note: Shift Left Mode; S0 = L, S1 = H, S2 = L.
FIGURE 11. Propagation Delay, Master Reset to Terminal Count (Shift Left Mode)
11
www.national.com


Similar Part No. - 100336D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100336 FAIRCHILD-100336 Datasheet
150Kb / 14P
   Low Power 4-Stage Counter/Shift Register
100336PC FAIRCHILD-100336PC Datasheet
150Kb / 14P
   Low Power 4-Stage Counter/Shift Register
100336QC FAIRCHILD-100336QC Datasheet
150Kb / 14P
   Low Power 4-Stage Counter/Shift Register
100336QI FAIRCHILD-100336QI Datasheet
150Kb / 14P
   Low Power 4-Stage Counter/Shift Register
100336SC FAIRCHILD-100336SC Datasheet
150Kb / 14P
   Low Power 4-Stage Counter/Shift Register
More results

Similar Description - 100336D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100336 NSC-F100336 Datasheet
366Kb / 15P
   LOW POWER 4-STAGE COUNTER/SHIFT REGISTER
logo
Fairchild Semiconductor
100336 FAIRCHILD-100336 Datasheet
150Kb / 14P
   Low Power 4-Stage Counter/Shift Register
logo
Micrel Semiconductor
SY100S336 MICREL-SY100S336 Datasheet
149Kb / 9P
   4-STAGE COUNTER/ SHIFT REGISTER
logo
National Semiconductor ...
F100136 NSC-F100136 Datasheet
234Kb / 10P
   4-Stage Counter/Shift Register
logo
Micrel Semiconductor
SY100S336 MICREL-SY100S336_06 Datasheet
126Kb / 10P
   4-STAGE COUNTER/SHIFT REGISTER
SY100S336A MICREL-SY100S336A_06 Datasheet
126Kb / 10P
   ENHANCED 4-STAGE COUNTER/SHIFT REGISTER
SY100S336A MICREL-SY100S336A Datasheet
149Kb / 9P
   ENHANCED 4-STAGE COUNTER/SHIFT REGISTER
logo
Fairchild Semiconductor
AN-684 FAIRCHILD-AN-684 Datasheet
76Kb / 7P
   100336 Four-Stage Counter/Shift Register
logo
KODENSHI_AUK CORP.
KK4015B KODENSHI-KK4015B Datasheet
311Kb / 6P
   Dual 4-Stage Static Shift Register
logo
System Logic Semiconduc...
SL4015B SLS-SL4015B Datasheet
39Kb / 5P
   Dual 4-Stage Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com