Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC-200 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # DAC-200
Description  DIGITAL-TO-ANALOG VOLTAGE CONVERTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

DAC-200 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  DAC-200 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The
DAC-200™ is a digital-to-analog
converter designed to convert the output
of the ATVS family of instruments to
0-5VDC. The device produces an output
whereby the voltage is linearly proportional
to both the air velocity and temperature
for the ATVS product family.
Two USB ports connect the
ATVS-2020™ or eATVS-4/8™ and the DAC-200™
to a computer. This product is capable of outputting 32 signals from 32 sensors
of the ATVS-2020-32 system.
The
DAC-200™ is operated by stageDAC™ software, which enables the user to specify
which outputs are velocity or temperature through the software’s GUI. The unit can also
be used as a general purpose digital-to-analog output converter. A
LabVIEW™ VI
(
DAC-200™) is provided to facilitate programming this device in a LabVIEW environment.
The availability of an analog signal is essential in many industrial applications and control
systems. The
DAC-200™ plays a critical role in proving a 0-5VDC signal for such application
where air velocity and temperature are measured. Furthermore, since the voltage output is
linearly proportional to the air velocity and temperature,
use of any data acquisition system with an ATVS product
family is now made possible by the
DAC-200™.
Additionally, the
DAC-200™ can convert flows
in the range of 0-50 m/s, 0-25 m/s and 0-10 m/s
to linear voltage and temperatures from -10oC
to 90oC to linear output voltage. Other ranges
are available upon request.
For further technical information, please contact Advanced Thermal
Solutions, Inc. at 1-781-769-2800 or www.qats.com
89-27 ACCESS ROAD, NORWOOD, MA 02062 USA | T: 781.769. 2800 F: 781.769.9979 | WWW.QATS.COM
R3_0215
HOT WIRE ANEMOMETER VOLTAGE CONVERTER
FEATURES:
» Output Analog Voltage
For integration into control
circuits that require analog
voltage as input signals
» stageDACTM Software
User friendly application
for easy data viewing
and logging
» Highly Accurate
Provides accurate data to
within 1% of the full scale
» Single-Sensor Technology
Measures air temperature and
velocity using a single sensor
or a combination of sensors
» USB Connection
Provides power and signal
communication
» Free Lifetime Tech Support
APPLICATIONS:
» Telecommunications
» Automotive
» Medical instrumentation
» Pneumatic control
» Real time feedback
control systems
» Airflow monitors
» Thermal management
» Aerospace
» Industrial automation
» Process control
» HVAC
DAC-200
DIGITAL-TO-ANALOG VOLTAGE CONVERTER
PC/Laptop
DAC-200
eATVS-4/8 or ATVS-2020
Sensors
airflow
Linear Analog Output
Diagram showing the DAC-200 and the ATVS-2020 or eATVS-4/8
connection to a PC/laptop
OVERALL DIMENSIONS (W x H x D)
291 x 62 x 259 mm
(11.45 x 2.45 x 10.19")
TEMPERATURE RANGE
-10 oC to 90 oC
FLOW RANGE
0-50 m/s, 0-25 m/s, and 0-10 m/s
VELOCITY ACCURACY
+/- 2% of reading
TEMPERATURE ACCURACY
+/- 1 oC
SOFTWARE
stageDAC™, DAC-200™
POWER
USB port
OUTPUT
Analog Voltage Linearly
Proportional to Velocity and
Temperature 0 to 5 VDC


Similar Part No. - DAC-200

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
DAC-29 DIT-DAC-29 Datasheet
618Kb / 1P
   APPLIANCE INLET
More results

Similar Description - DAC-200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com