Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK433-330N-E Datasheet(PDF) 10 Page - ON Semiconductor

Part # STK433-330N-E
Description  3ch class-AB Audio Power IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK433-330N-E Datasheet(HTML) 10 Page - ON Semiconductor

Back Button STK433-330N-E Datasheet HTML 3Page - ON Semiconductor STK433-330N-E Datasheet HTML 4Page - ON Semiconductor STK433-330N-E Datasheet HTML 5Page - ON Semiconductor STK433-330N-E Datasheet HTML 6Page - ON Semiconductor STK433-330N-E Datasheet HTML 7Page - ON Semiconductor STK433-330N-E Datasheet HTML 8Page - ON Semiconductor STK433-330N-E Datasheet HTML 9Page - ON Semiconductor STK433-330N-E Datasheet HTML 10Page - ON Semiconductor STK433-330N-E Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
STK433-330N-E
No.A2107-10/11
STK433-300 series Stand-by Control & Mute Control & Load-Short Protection
Application
[STK433-300N-E series Stand-By Control Example]
[Feature]
 The pop noise which occurs to the time of power supply on/off can be improved substantially by recommendation
Stand-By Control Application.
 Stand-By Control can be done by additionally adjusting the limitation resistance to the voltage such as micom, the set
design is easy.
(Reference circuit) STK433-300N-E series test circuit To Stand-By Control added +5V.
[Operation explanation] #13pin Stand-By Control Voltage VST
(1) Operation Mode
The switching transistor in the bias circuit turns on and places the amplifier into the operating mode, when 13pin
(VST) voltage added above 2.5V (typ 3.0V).
(2) Stand-By Mode
When 13pin (VST) voltage is stopped (= 0V), the switching transistor in the bias circuit turn off, placing the
amplifier into the standby mode.
(*1) The current limiting resistor must be used to ensure that stand-by pin (13pin) voltage does not exceed its
maximum rated value VST max.
(*2) The pop noise level when the power is turned on can be reduced by setting the time constant with a capacitor
in operating mode.
(*3) Determines the time constant at which the capacitor (*2) is discharged in stand-by mode.
(*1) Please use restriction resistance as there is no Stand-by
terminal voltage (#13pin) beyond maximun rating (VSTmax).
STK433-300N-E series
+Vcc
Ch1
IN
Ch1
NF
Ch2
IN
Ch2
NF
Ch2
OUT
Ch1
OUT
-Vcc
SUB
GND
+PRE
ST-BY
Ch1
OUT
Ch2
OUT
56kΩ
2
3
4
5
8
7
6
9
10 11 12 13 14 15
1
-PRE
GND
+Vcc
-Vcc
56kΩ
6.8kΩ
6.8kΩ
GND
Ch1 IN
10kΩ
10kΩ
10kΩ
2.2kΩ
Mute Control
H:Single Mute
L:Normal
Stand-by Control(ex)
H:Operation Mode(+5V)
L:Stand-by Mode(0V)
33μF
/10V
33kΩ
1kΩ
2kΩ
2.7kΩ
(*1)
Ch2 OUT
Ch1 OUT
Load Short Protection
Circuit
Ch3
IN
Ch3
NF
16 17 18 19
Ch3
OUT
Ch3
OUT
Ch3 OUT
6.8kΩ
56kΩ
10kΩ
GND
GND
GND
Ch2 IN
Ch3 IN
(*4) R1 is changed depending on the power-supply voltage(-Vcc).
Please set resistance(R1) to become [V1=0v] by the following calculation types.
Latch Up
Circuit
10kΩ
56kΩ
1kΩ
22kΩ
0.1μF
R1
(*4)
V1
+5V
+5V
Stand-by
Control
Mute
Control
ST-BY
PLAY
ST-BY
MUTE
MUTE
Stand-by Control
H:Operation Mode(+5V)
L:Stand-by Mode(0V)
2.7KΩ(*1)
IST
∆VBE
1
2
3
4
7
6
5
8
9
10 11
12
STK433-300Nseries
13 14
+Vcc
Ch1
IN
Ch1
NF
Ch2
IN
Ch2
NF
Ch2
OUT
Ch1
OUT
-Vcc
SUB
GND
+PRE
ST-BY
Ch1
OUT
Ch2
OUT
Bias Circuit
in PreDriver IC
∆VBE
15
-PRE
#13pin Stand-By OFF threshold.
16 17 18
Ch3
IN
Ch3
OUT
Ch3
OUT
19
Ch3
NF
ex)Stand-By Control Voltage VST=+5v
VST is set by the limitation resistance(*1).
· IST =(VST-VBE*2)/((*1)+(*2))
=(5v-0.6v*2)/(4.7kΩ+2.7kΩ)
=0.513(mA)
· VST=IST×4.7kΩ+VBE=0.513×4.7k+0.6=3.0(V)
4.7kΩ(*2)
VST
33μF
(*2)
33kΩ
1kΩ
(*3)
2kΩ
(*3)
Switching transistor
in the bias circuit


Similar Part No. - STK433-330N-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-330N-E SANYO-STK433-330N-E Datasheet
279Kb / 11P
   3channel class-AB Audio Power IC 150W150W150W
More results

Similar Description - STK433-330N-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK404-120N-E ONSEMI-STK404-120N-E Datasheet
331Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK433-040N-E ONSEMI-STK433-040N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
STK433-890N-E ONSEMI-STK433-890N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
STK433-060N-E ONSEMI-STK433-060N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
STK433-840N-E ONSEMI-STK433-840N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com