Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK611-721-E Datasheet(PDF) 2 Page - ON Semiconductor

Part # STK611-721-E
Description  3-Phase Motor Drive Inverter Hybrid IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK611-721-E Datasheet(HTML) 2 Page - ON Semiconductor

  STK611-721-E Datasheet HTML 1Page - ON Semiconductor STK611-721-E Datasheet HTML 2Page - ON Semiconductor STK611-721-E Datasheet HTML 3Page - ON Semiconductor STK611-721-E Datasheet HTML 4Page - ON Semiconductor STK611-721-E Datasheet HTML 5Page - ON Semiconductor STK611-721-E Datasheet HTML 6Page - ON Semiconductor STK611-721-E Datasheet HTML 7Page - ON Semiconductor STK611-721-E Datasheet HTML 8Page - ON Semiconductor STK611-721-E Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STK611-721-E
No.A1718-2/9
Specifications
Absolute Maximum Ratings
at Tc = 25
°C
Parameter
Symbol
Conditions
Ratings
unit
Supply voltage
VCC
+ to -, surge
< 450V
*1
450
V
Collector-emitter voltage
VDS
+ to U (V, W) or U (V, W) to -
600
V
Output current
IO
+, -, U, V, W terminal current
±2A
Output peak current
Iop
+, -, U, V, W terminal current P.W. = 100
μs
±4A
Pre-driver voltage
VD1, 2, 3, 4
VB1 to U, VB2 to V, VB3 to W, VDD to VSS
*2
20
V
Input signal voltage
VIN
HIN1, 2, 3, LIN1, 2, 3 terminal
0 to 15
V
FAULT/EN terminal voltage
VFAULT
FAULT/EN terminal
20
V
ITRIP terminal voltage
VITRIP
ITRIP terminal
5
V
Maximum power dissipation
Pd
MOSFET/1 channel
16.6
W
Junction temperature
Tj
MOSFET
150
°C
Storage temperature
Tstg
-40 to +125
°C
Operating substrate temperature
Tc
H-IC case temperature
-20 to +100
°C
Tightening torque
A screw part
*3
0.6
N
•m
Reference voltage is “-” terminal = “VSS” terminal voltage unless otherwise specified.
*1 Surge voltage developed by the switching operation due to the wiring inductance between “+” and “-” terminals.
*2 Terminal voltage : VD1=VB1 to U, VD2=VB2 to V, VD3=VB3 to W, VD4=VDD to VSS.
*3 Flatness of the heat-sink should be 0.15mm and below.
Electrical Characteristics
at Tc=25
°C, VD=15V
Parameter
Symbol
Conditions
Test circuit
min
typ
max
unit
Power output section
Drain-Source Leakage current
IDSS
VDS = 600V
Fig.1
0.1
mA
Drain-Source On Resistance
RDS(ON)
ID = 2A
Fig.2
4
Ω
Diode forward voltage
VSD
ID = -2A
Fig.3
1.5
V
Junction to case thermal resistance
θj-c(T)
MOSFET
7.5
°C/W
Control (Pre-driver) section
VD1, 2, 3 = 15V
0.05
0.2
Pre-driver power dissipation
ID
VD4 = 15V
Fig.4
1.4
4.0
mA
Input ON threshold voltage
Vinth(on)
1.5
2.1
2.5
V
Input OFF threshold voltage
Vinth(off)
HIN1, HIN2, HIN3, LIN1, LIN2,
LIN3 to VSS
0.8
1.3
1.5
V
FAULT/EN clearness delay time
FLTCLR
After each protection operation
ending
8
ms
Protection section
Pre-drive power supply
low voltage protection voltage
UVLO
8
9.8
V
Resistance for substrate temperature
monitors
Rt
Resistance between TH and
VSS terminals
90
100
110
k
Ω
Fault/EN terminal input current
IOSD
VFault = 0.15V
2
mA
ITRIP threshold voltage
VITRIP
0.41
0.465
0.52
V
tON
0.8
Switching time
tOFF
IO = 2A
Inductive load
Fig.5
1.5
μs
Reference voltage is “-” terminal = “Vss” terminal voltage unless otherwise specified.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - STK611-721-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK611-721-E SANYO-STK611-721-E Datasheet
131Kb / 9P
   Fan 3-phase Inverter Motor Drive Inverter Hybrid IC
More results

Similar Description - STK611-721-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK621-033N-E SANYO-STK621-033N-E Datasheet
83Kb / 8P
   3-phase Inverter Motor Drive Inverter Hybrid IC
STK621-061-E SANYO-STK621-061-E Datasheet
87Kb / 8P
   3-phase Inverter Motor Drive Inverter Hybrid IC
logo
ON Semiconductor
STK621-061-E ONSEMI-STK621-061-E Datasheet
85Kb / 8P
   3-Phase Motor Drive Inverter Hybrid IC
July, 2013
logo
Sanyo Semicon Device
STK611-721-E SANYO-STK611-721-E Datasheet
131Kb / 9P
   Fan 3-phase Inverter Motor Drive Inverter Hybrid IC
logo
Sanken electric
SMA5135 SANKEN-SMA5135 Datasheet
484Kb / 9P
   3-phase Motor Drive Inverter
logo
ON Semiconductor
STK5F1U3C2D-E ONSEMI-STK5F1U3C2D-E Datasheet
455Kb / 15P
   Inverter Power H-IC for 3-phase Motor Drive
July, 2014 Ver.140520DS
logo
Sanyo Semicon Device
STK673-011-E SANYO-STK673-011-E Datasheet
131Kb / 15P
   Thick-Film Hybrid IC 3-Phase Stepping Motor Driver
logo
List of Unclassifed Man...
PMM3101 ETC-PMM3101 Datasheet
45Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
PMM3501 ETC1-PMM3501 Datasheet
52Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
logo
Unisonic Technologies
UH477 UTC-UH477_17 Datasheet
141Kb / 6P
   SINGLE PHASE DC MOTOR DRIVE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com