Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK760-213A-E Datasheet(PDF) 6 Page - ON Semiconductor

Part # STK760-213A-E
Description  Single-phase rectification Active Converter Hybrid IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK760-213A-E Datasheet(HTML) 6 Page - ON Semiconductor

Back Button STK760-213A-E Datasheet HTML 2Page - ON Semiconductor STK760-213A-E Datasheet HTML 3Page - ON Semiconductor STK760-213A-E Datasheet HTML 4Page - ON Semiconductor STK760-213A-E Datasheet HTML 5Page - ON Semiconductor STK760-213A-E Datasheet HTML 6Page - ON Semiconductor STK760-213A-E Datasheet HTML 7Page - ON Semiconductor STK760-213A-E Datasheet HTML 8Page - ON Semiconductor STK760-213A-E Datasheet HTML 9Page - ON Semiconductor STK760-213A-E Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
STK760-213A-E
No.A1790-6/11
Test Circuit -1
(1) ICES, IR
IGBT
FRD1
A
17, 18
21, 22
B
13, 14
17, 18
〈Fig.1〉
(2) VCE(sat) (Test by Pulse)
〈Fig.2〉
(3) VF1, VF2 (Test by Pulse), RTH
FRD1
FRD2
A
17, 18
13, 14
B
21, 22
17, 18
〈Fig.3〉
A
VCE, VR
A
3
B
13,14
V
VT
VCC=15V
VCE(sat)
VONF
VOVP
VFB
E
IC
0V
4.8V
2.0V
6.0V
VCE(sat) ON
OFF
100
μF
1
3
7
8
13,14
17,18
9
6
2
V
A
B
10
3
IF
R


Similar Part No. - STK760-213A-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK760-213A-E SANYO-STK760-213A-E Datasheet
108Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
More results

Similar Description - STK760-213A-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK760-213A-E SANYO-STK760-213A-E Datasheet
108Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
STK760-213AC-E SANYO-STK760-213AC-E Datasheet
108Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
logo
ON Semiconductor
STK760-216-E ONSEMI-STK760-216-E Datasheet
116Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
July, 2013
logo
Sanyo Semicon Device
STK760-211C-E SANYO-STK760-211C-E Datasheet
103Kb / 10P
   Single-phase rectification Active Converter Hybrid IC
STK760-211-E SANYO-STK760-211-E Datasheet
104Kb / 10P
   Single-phase rectification Active Converter Hybrid IC
STK760-213-E SANYO-STK760-213-E Datasheet
113Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
STK760-216-E SANYO-STK760-216-E Datasheet
119Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
STK760-221A-E SANYO-STK760-221A-E Datasheet
163Kb / 9P
   Thick-Film Hybrid IC Single-phase Rectification PFC Hybrid IC
logo
Linear Technology
LT3752 LINER-LT3752 Datasheet
538Kb / 10P
   Active Clamp Forward Converter with Synchronous Rectification
LT3753 LINER-LT3753 Datasheet
618Kb / 10P
   Active Clamp Forward Converter with Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com