Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK984-190-E Datasheet(PDF) 7 Page - ON Semiconductor

Part # STK984-190-E
Description  Mini Buck Converter for RF Power Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK984-190-E Datasheet(HTML) 7 Page - ON Semiconductor

  STK984-190-E Datasheet HTML 1Page - ON Semiconductor STK984-190-E Datasheet HTML 2Page - ON Semiconductor STK984-190-E Datasheet HTML 3Page - ON Semiconductor STK984-190-E Datasheet HTML 4Page - ON Semiconductor STK984-190-E Datasheet HTML 5Page - ON Semiconductor STK984-190-E Datasheet HTML 6Page - ON Semiconductor STK984-190-E Datasheet HTML 7Page - ON Semiconductor STK984-190-E Datasheet HTML 8Page - ON Semiconductor STK984-190-E Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
STK984-190-E
www.onsemi.com
7
Characteristics (Typ)
1. VDS – Tj (Typ)
2. VDS – VGS (Typ)
VGS=10V
Tj=175˚C
3. VSD (TYP) – Tj (Typ)
4. Derating Curve
5. Switching Loss – Drain current (Typ)
6. Switching Loss – Gate Resistance (Typ)
Tj=175˚C, Id=30A, Rg=51Ω, L=40H
Tj=175˚C, Id=30A, L=40H
7. Thermal resistance (Typ)
8. ASO (Tc=125 ˚C)


Similar Part No. - STK984-190-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK984-190-E ONSEMI-STK984-190-E Datasheet
698Kb / 11P
   MOSFET Power Module 40 V, 30 A, Compact DIP
June 2016 - Rev. 0
STK984-190-E ONSEMI-STK984-190-E_16 Datasheet
698Kb / 11P
   MOSFET Power Module 40 V, 30 A, Compact DIP
June 2016 - Rev. 0
More results

Similar Description - STK984-190-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5490A ONSEMI-2SC5490A Datasheet
478Kb / 7P
   Mini Buck Converter for RF Power Amplifiers
August, 2013
NMF3506 ONSEMI-NMF3506 Datasheet
48Kb / 6P
   Mini Buck Converter for RF Power Amplifiers
March, 2004 ??Rev. P0
LC74735YW ONSEMI-LC74735YW Datasheet
344Kb / 52P
   Mini Buck Converter for RF Power Amplifiers
July, 2013
NL17SZYYXV5T2 ONSEMI-NL17SZYYXV5T2 Datasheet
95Kb / 4P
   Mini Buck Converter for RF Power Amplifiers
November, 2002 ??Rev. 2
NCP81039 ONSEMI-NCP81039 Datasheet
183Kb / 11P
   Mini Buck Converter for RF Power Amplifiers
November, 2011 ??Rev. P0
SB20-03P ONSEMI-SB20-03P Datasheet
317Kb / 6P
   Mini Buck Converter for RF Power Amplifiers
September, 2013
NCP6360 ONSEMI-NCP6360 Datasheet
1Mb / 17P
   Mini Buck Converter for RF Power Amplifiers
February, 2014 - Rev. 2
NCP6361 ONSEMI-NCP6361 Datasheet
1Mb / 20P
   Buck Converter with Bypass Mode for RF Power Amplifiers
April, 2014 ??Rev. 5
logo
ETA SOLUTIONS CO. LIMIT...
ETA3411 ETA-ETA3411 Datasheet
217Kb / 1P
   3MHz, Output Adjustable, 2A Synchronous Buck Converter for RF Power Amplifiers
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com