Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1LR-0505S-NZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM1LR-0505S-NZ
Description  Continuous short circuit protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1LR-0505S-NZ Datasheet(HTML) 1 Page - AIMTEC

  AM1LR-0505S-NZ Datasheet HTML 1Page - AIMTEC AM1LR-0505S-NZ Datasheet HTML 2Page - AIMTEC AM1LR-0505S-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM1LR-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12
1 of 3
North America only
FEATURES:
• Regulated output
• Isolation Voltage of 1500 & 3000VDC
• Continuous short circuit protection
• Small SMD package
• Efficiency up to 75%
• Universal industry pinout
• Operating temperature: -40oC to +85 oC
Models
Single output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output
Current (mA)
Isolation
(VDC)
Max Capacitive
Load (µF)
Efficiency
(%)
AM1LR-0503S-NZ
4.75-5.25
3.3
243
1500
220
58
AM1LR-0505S-NZ
4.75-5.25
5
200
1500
220
72
AM1LR-0512S-NZ
4.75-5.25
12
84
1500
220
73
AM1LR-0515S-NZ
4.75-5.25
15
67
1500
220
74
AM1LR-1205S-NZ
11.4-12.6
5
200
1500
220
73
AM1LR-1212S-NZ
11.4-12.6
12
84
1500
220
73
AM1LR-1215S-NZ
11.6-12.6
15
67
1500
220
75
AM1LR-2405S-NZ
22.8-25.2
5
200
1500
220
73
AM1LR-2412S-NZ
22.8-25.2
12
84
1500
220
73
AM1LR-2415S-NZ
22.8-25.2
15
67
1500
220
74
AM1LR-0503SH30-NZ
4.75-5.25
3.3
243
3000
220
58
AM1LR-0505SH30-NZ
4.75-5.25
5
200
3000
220
72
AM1LR-0512SH30-NZ
4.75-5.25
12
83
3000
220
73
AM1LR-0515SH30-NZ
4.75-5.25
15
67
3000
220
74
AM1LR-1205SH30-NZ
11.4-12.6
5
200
3000
220
73
AM1LR-1212SH30-NZ
11.4-12.6
12
83
3000
220
73
AM1LR-2405SH30-NZ
22.8-25.2
5
200
3000
220
73
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage Range
5
12
24
4.75-5.25
11.4-12.6
22.8-25.2
VDC
Absolute Max Input Voltage
(1 sec max)
5 Vin
12 Vin
24 Vin
9
18
30
VDC
Filter
Capacitor
Quiescent Current
5
12
24
15
10
7
mA
Input Reflected Ripple current
15
mA
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O Voltage
60 sec, <1mA
1500 & 3000
VDC
Resistance
500VDC
>1000
MOhm
Capacitance
20
pF
Click on Series name for product info on aimtec.com


Similar Part No. - AM1LR-0505S-NZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM1L-0303D-N ETC-AM1L-0303D-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1L-0303D-N AIMTEC-AM1L-0303D-N Datasheet
367Kb / 4P
   0.5 watt dc-dc converters
AM1L-0303D-N AIMTEC-AM1L-0303D-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
AM1L-0303D-N AIMTEC-AM1L-0303D-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
List of Unclassifed Man...
AM1L-0303DH30-N ETC-AM1L-0303DH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results

Similar Description - AM1LR-0505S-NZ

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0424S05 XPPOWER-JCD0424S05 Datasheet
105Kb / 2P
   Continuous Short Circuit Protection
logo
AIMTEC
AM30EW-NZ AIMTEC-AM30EW-NZ Datasheet
269Kb / 5P
   Continuous Short Circuit protection
AM30KW-I-Z AIMTEC-AM30KW-I-Z Datasheet
180Kb / 5P
   Continuous Short Circuit Protection
AME5-CJZ AIMTEC-AME5-CJZ Datasheet
191Kb / 5P
   Continuous Short circuit protection
AMEL10-MJZ AIMTEC-AMEL10-MJZ Datasheet
170Kb / 3P
   Continuous Short Circuit Protection
logo
MORNSUN Science& Techno...
F0505XT-W2R2 MORNSUN-F0505XT-W2R2 Datasheet
1Mb / 4P
   Continuous short-circuit protection
logo
AIMTEC
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
   Continuous short circuit protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
logo
Recom International Pow...
REC30 RECOM-REC30 Datasheet
384Kb / 6P
   Continuous Short Circuit Protection
logo
AIMTEC
AM6C-NZ AIMTEC-AM6C-NZ Datasheet
237Kb / 3P
   Continuous Short Circuit Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com