Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2DS-0524S-NZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM2DS-0524S-NZ
Description  Pin compatible with multiple manufacturers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2DS-0524S-NZ Datasheet(HTML) 2 Page - AIMTEC

  AM2DS-0524S-NZ Datasheet HTML 1Page - AIMTEC AM2DS-0524S-NZ Datasheet HTML 2Page - AIMTEC AM2DS-0524S-NZ Datasheet HTML 3Page - AIMTEC AM2DS-0524S-NZ Datasheet HTML 4Page - AIMTEC AM2DS-0524S-NZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM2DS-NZ
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
2 of 5
North America only
Models
Dual output (continued)
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max Cap
Load (µF)
Efficiency
(%)
AM2DS-1215D-NZ
10.8-13.2
±15
±67
1500
100
84
AM2DS-1515D-NZ
13.5-16.5
±15
±67
1500
100
85
AM2DS-2405D-NZ
21.6-26.4
±5
±200
1500
100
84
AM2DS-2409D-NZ
21.6-26.4
±9
±111
1500
100
84
AM2DS-2412D-NZ
21.6-26.4
±12
±83
1500
100
84
AM2DS-2415D-NZ
21.6-26.4
±15
±67
1500
100
84
AM2DS-0505DH30-NZ
4.5-5.5
±5
±200
3000
100
80
AM2DS-0509DH30-NZ
4.5-5.5
±9
±111
3000
100
82
AM2DS-0512DH30-NZ
4.5-5.5
±12
±83
3000
100
84
AM2DS-0515DH30-NZ
4.5-5.5
±15
±67
3000
100
84
AM2DS-0524DH30-NZ
4.5-5.5
±24
±42
3000
100
84
AM2DS-1205DH30-NZ
10.8-13.2
±5
±200
3000
100
84
AM2DS-1209DH30-NZ
10.8-13.2
±9
±111
3000
100
84
AM2DS-1212DH30-NZ
10.8-13.2
±12
±83
3000
100
85
AM2DS-1215DH30-NZ
10.8-13.2
±15
±67
3000
100
84
AM2DS-2405DH30-NZ
21.6-26.4
±5
±200
3000
100
84
AM2DS-2409DH30-NZ
21.6-26.4
±9
±111
3000
100
84
AM2DS-2412DH30-NZ
21.6-26.4
±12
±83
3000
100
84
AM2DS-2415DH30-NZ
21.6-26.4
±15
±67
3000
100
84
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-5.5
VDC
12
10.8-13.2
15
13.5-16.5
24
21.6-26.4
Filter
Capacitor
Absolute Maximum Rating
(1 sec. max.)
5
9
VDC
12
18
15
21
24
30
Reflected Ripple Input Current
15
mA
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
1500, 3000
VDC
Resistance
500VDC
> 1000
MOhm
Capacitance
(100Khz/0.1V)
20
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
(see tolerance chart)
±5
%
Short Circuit protection
Continuous
Short circuit restart
Auto recovery
Line voltage regulation
For ±1.0% change of Vin
3.3V models ±1.5
Others ±1.2
% of Vin
Load voltage regulation
load 10~100%
12
%
Temperature coefficient
±0.03
%/oC
Ripple & Noise
20MHz Bandwidth
75
mV p-p


Similar Part No. - AM2DS-0524S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2DS-0524S-NZ AIMTEC-AM2DS-0524S-NZ Datasheet
193Kb / 5P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2DS-0524S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3T-R-Z AIMTEC-AM3T-R-Z Datasheet
278Kb / 4P
   Pin compatible with multiple manufacturers
AM4TW-R-Z AIMTEC-AM4TW-R-Z Datasheet
225Kb / 3P
   Pin compatible with multiple manufacturers
AM2N-N-Z AIMTEC-AM2N-N-Z Datasheet
208Kb / 4P
   Pin Compatible With Multiple Manufacturers
AM3T-PNZ AIMTEC-AM3T-PNZ Datasheet
216Kb / 4P
   Pin compatible with multiple manufacturers
AM3TW-R-Z AIMTEC-AM3TW-R-Z Datasheet
226Kb / 3P
   Pin compatible with multiple manufacturers
AM6T-NZ AIMTEC-AM6T-NZ Datasheet
252Kb / 4P
   Pin compatible with multiple manufacturers
logo
Synaptics Incorporated.
CX93011 CONEXANT-CX93011 Datasheet
195Kb / 2P
   Pin compatible with CX90240 chipset
logo
Emerson Network Power
BXA40 EMERSON-NETWORKPOWER-BXA40 Datasheet
243Kb / 4P
   Pin-compatible with NFC40 Series
logo
Linear Technology
LTC4245 LINER-LTC4245 Datasheet
431Kb / 36P
   Multiple Supply Hot Swap Controller with I2C Compatible Monitoring
LTC4245 LINER-LTC4245_15 Datasheet
437Kb / 36P
   Multiple Supply Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com