Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3HW-2405S-NZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM3HW-2405S-NZ
Description  Input to Output Isolation of 1500VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3HW-2405S-NZ Datasheet(HTML) 3 Page - AIMTEC

  AM3HW-2405S-NZ Datasheet HTML 1Page - AIMTEC AM3HW-2405S-NZ Datasheet HTML 2Page - AIMTEC AM3HW-2405S-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AM3HW-NZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
3 of 3
North America only
Pin Out Specifications
Dimensions
Pin
Single
1
-Vin
2
On/Off Control
6
NC
7
NC
8
+Vout
9
-Vout
14
+Vin
EMC recommended circuit:
Model
MOV
C1 & C2
C3 &C4
C3
24 Vin
S14K35
330 µF /
50V
4.7 µF /
50V
10 µF
48 Vin
S14K60
330 µF /
100V
4.7 µF /
100V
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet
. 7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
18.10
(0.71)
Top View
19.20
(0.76)
2
6
7
8
9
14
Side View
10.16
(0.40)
1.00
(0.04)
1.00
(0.04)
2.54
(0.10)
15.24
(0.60)
All dimensions are in mm (inch)
Pin tolerance: ±0.10 (±0.004)
Case tolerance of ±0.50 (±0.02)
DC-DC Converter
+Vin
-Vin
+Vo
-Vo
CY1
1nF/2KV
C1
LDM
12µH
C2
F1
MOV
C3
C4
C5


Similar Part No. - AM3HW-2405S-NZ

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AM3 ALTECH-AM3 Datasheet
325Kb / 1P
   30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
logo
RAYEX ELECTRONICS CO., ...
AM3 RAYEX-AM3 Datasheet
437Kb / 2P
   AM3 SERIES
AM3-1A-12BNIL RAYEX-AM3-1A-12BNIL Datasheet
437Kb / 2P
   AM3 SERIES
AM3-1A-12BP RAYEX-AM3-1A-12BP Datasheet
437Kb / 2P
   AM3 SERIES
AM3-1A-12PNIL RAYEX-AM3-1A-12PNIL Datasheet
437Kb / 2P
   AM3 SERIES
More results

Similar Description - AM3HW-2405S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM50E-NZ AIMTEC-AM50E-NZ Datasheet
257Kb / 5P
   Input to Output Isolation of 1500VDC
AM3TW-NZ AIMTEC-AM3TW-NZ Datasheet
174Kb / 3P
   Input / Output Isolation 1500VDC
AM8T-I-Z AIMTEC-AM8T-I-Z Datasheet
384Kb / 4P
   Input/output Isolation voltage 1500VDC
AM8TW-I-Z AIMTEC-AM8TW-I-Z Datasheet
151Kb / 4P
   Input/Output Isolation voltage 1500VDC
logo
Texas Instruments
PT4840-48V TI1-PT4840-48V Datasheet
247Kb / 14P
[Old version datasheet]   1500VDC Isolation
logo
Solid State Optronic
SM6004 SSOUSA-SM6004 Datasheet
223Kb / 7P
   High Input-to-Output Isolation
SM6006 SSOUSA-SM6006 Datasheet
223Kb / 7P
   High Input-to-Output Isolation
SMA4131 SSOUSA-SMA4131 Datasheet
192Kb / 6P
   High Input-to-Output Isolation
SMA4240 SSOUSA-SMA4240 Datasheet
343Kb / 7P
   High Input-to-Output Isolation
logo
Pulse A Technitrol Comp...
PE-68386NLT PULSE-PE-68386NLT Datasheet
1Mb / 5P
   1500VDC isolation between Gate and Drive
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com