Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6GH-2424SZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM6GH-2424SZ
Description  Input / Output Isolation 1500 and 3000 VDC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6GH-2424SZ Datasheet(HTML) 3 Page - AIMTEC

  AM6GH-2424SZ Datasheet HTML 1Page - AIMTEC AM6GH-2424SZ Datasheet HTML 2Page - AIMTEC AM6GH-2424SZ Datasheet HTML 3Page - AIMTEC AM6GH-2424SZ Datasheet HTML 4Page - AIMTEC AM6GH-2424SZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AM6GH-Z
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.B
3 of 5
North America only
Safety Specifications
Parameters
Agency Approvals
CE
Standards
EN55022 Class A, EN55024 (external class A circuit required)
IEC61000-4-2, Perf. Criteria A
IEC61000-4-3, Perf. Criteria A
IEC61000-4-4, Perf. Criteria A (external EFT/Surge circuit required)
IEC61000-4-5, Perf. Criteria A (external EFT/Surge circuit required)
IEC61000-4-6, Perf. Criteria A
IEC61000-4-8, Perf. Criteria A
NOTE: designed to meet IEC 60950-1:2001
Pin Out Specifications
Dimensions
Input Reflected Ripple Test Circuit
Aimtec
DC-DC
Converter
Lin
12µH
Cin
47µF
Test
Point
+
-
Vo+
Vo-
* Tested at full load, and nominal input
Pin
1500 VDC
3000 VDC
Single
Dual
Single
Dual
1
- V Input
- V Input
- V Input
- V Input
2
+ V Input
+ V Input
+ V Input
+ V Input
3
On/Off Control
On/Off Control
On/Off Control
On/Off Control
5
N.C.
N.C.
No Pin
No Pin
6
+ V Output
+ V Output
+ V Output
+ V Output
7
- V Output
Common
- V Output
Common
8
N.C.
- V Output
N.C.
- V Output
21.85
(0.85)
17.78
(0.70)
2.54
(0.10)
9.20
(0.36)
PRINTED
FACE
0.50
(0.02)
0.50
(0.02)
0.25
(0.01)
3.20
(0.13)
9.20
(0.38)
11.10
(0.44)
10.60
(0.44)
3.05
(0.12)
0.50
(0.02)


Similar Part No. - AM6GH-2424SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6GH-2424SZ AIMTEC-AM6GH-2424SZ Datasheet
212Kb / 5P
   6 Watt | DC-DC Converter
More results

Similar Description - AM6GH-2424SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2LS-NZ AIMTEC-AM2LS-NZ Datasheet
208Kb / 4P
   Input / Output Isolation 1500 and 3000 VDC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
   Input / Output Isolation 1500 or 3000 VDC
AM3TIW-RZ AIMTEC-AM3TIW-RZ Datasheet
205Kb / 5P
   Input / Output Isolation 1500 or 3000 VDC
logo
XP Power Limited
JCE03 XPPOWER-JCE03 Datasheet
328Kb / 3P
   1500 VDC Isolation, 3000 VDC Option
logo
AIMTEC
AM6TIW-RZ AIMTEC-AM6TIW-RZ Datasheet
174Kb / 4P
   Input / Output Isolation 1500 and 3000VDC
AM6TI-Z AIMTEC-AM6TI-Z Datasheet
190Kb / 4P
   Input / Output Isolation 1500 and 3000VDC
AM3N-D-R-Z AIMTEC-AM3N-D-R-Z Datasheet
504Kb / 4P
   Input / Output Isolation 1000, 3000 and 5200VDC
logo
Texas Instruments
PT4100-48V TI1-PT4100-48V_14 Datasheet
180Kb / 4P
[Old version datasheet]   1500 VDC Isolation
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT3340 TI1-PT3340_14 Datasheet
218Kb / 11P
[Old version datasheet]   1500 VDC Isolation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com