Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6GH-2424SZ Datasheet(PDF) 4 Page - AIMTEC

Part # AM6GH-2424SZ
Description  Input / Output Isolation 1500 and 3000 VDC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6GH-2424SZ Datasheet(HTML) 4 Page - AIMTEC

  AM6GH-2424SZ Datasheet HTML 1Page - AIMTEC AM6GH-2424SZ Datasheet HTML 2Page - AIMTEC AM6GH-2424SZ Datasheet HTML 3Page - AIMTEC AM6GH-2424SZ Datasheet HTML 4Page - AIMTEC AM6GH-2424SZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series AM6GH-Z
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.B
4 of 5
North America only
Derating
Free Air Convection
Safe Operating Area
- 40
0
20
40
60
0
20
40
60
80
100
100
- 20
80
Ambient Temperature º C
71C
71
85
50
Class A EMI, external filter
L
12uH
C1
C4
DC/DC
Converter
+V input
-V input
+V output
Load
-V output
C3
C2
C6
C5
Vin
C1 & C2
C3 & C4
C5 & C6
24VDC
10µF/35V, MLCC
470pF/3KV, MLCC
-
48VDC
2.2µF/100V, MLCC
1000pF/3KV, MLCC
1000pF/3KV, MLCC


Similar Part No. - AM6GH-2424SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6GH-2424SZ AIMTEC-AM6GH-2424SZ Datasheet
212Kb / 5P
   6 Watt | DC-DC Converter
More results

Similar Description - AM6GH-2424SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2LS-NZ AIMTEC-AM2LS-NZ Datasheet
208Kb / 4P
   Input / Output Isolation 1500 and 3000 VDC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
   Input / Output Isolation 1500 or 3000 VDC
AM3TIW-RZ AIMTEC-AM3TIW-RZ Datasheet
205Kb / 5P
   Input / Output Isolation 1500 or 3000 VDC
logo
XP Power Limited
JCE03 XPPOWER-JCE03 Datasheet
328Kb / 3P
   1500 VDC Isolation, 3000 VDC Option
logo
AIMTEC
AM6TIW-RZ AIMTEC-AM6TIW-RZ Datasheet
174Kb / 4P
   Input / Output Isolation 1500 and 3000VDC
AM6TI-Z AIMTEC-AM6TI-Z Datasheet
190Kb / 4P
   Input / Output Isolation 1500 and 3000VDC
AM3N-D-R-Z AIMTEC-AM3N-D-R-Z Datasheet
504Kb / 4P
   Input / Output Isolation 1000, 3000 and 5200VDC
logo
Texas Instruments
PT4100-48V TI1-PT4100-48V_14 Datasheet
180Kb / 4P
[Old version datasheet]   1500 VDC Isolation
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT3340 TI1-PT3340_14 Datasheet
218Kb / 11P
[Old version datasheet]   1500 VDC Isolation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com