Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM30EW-2409S-NZ Datasheet(PDF) 4 Page - AIMTEC

Part # AM30EW-2409S-NZ
Description  Continuous Short Circuit protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30EW-2409S-NZ Datasheet(HTML) 4 Page - AIMTEC

  AM30EW-2409S-NZ Datasheet HTML 1Page - AIMTEC AM30EW-2409S-NZ Datasheet HTML 2Page - AIMTEC AM30EW-2409S-NZ Datasheet HTML 3Page - AIMTEC AM30EW-2409S-NZ Datasheet HTML 4Page - AIMTEC AM30EW-2409S-NZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series AM30EW-NZ
30 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
4 of 5
North America only
AM20EW-xx09S-NZ
Trim down %
1
2
3
4
5
6
7
8
9
10
Vout (VDC)
8.91
8.82
8.73
8.64
8.55
8.46
8.37
8.28
8.19
8.1
Rt down (KΩ)
375.532 207.429 139.156 102.145
78.924
62.996
51.392
42.562
35.616 30.011
Trim up %
1
2
3
4
5
6
7
8
9
10
Vout (VDC)
9.09
9.18
9.27
9.36
9.45
9.54
9.63
9.72
9.81
9.9
Rt up (KΩ)
314.531 112.638
64.147
42.357
29.974
21.989
16.412
12.296
9.134
6.628
AM20EW-xx12S-NZ
Trim down %
1
2
3
4
5
6
7
8
9
10
Vout (VDC)
11.88
11.76
11.64
11.52
11.4
11.28
11.16
11.04
10.92
10.8
Rt down (KΩ)
496.091 301.451 212.527 161.585 128.573 105.441
88.332
75.163
64.715 56.223
Trim up %
1
2
3
4
5
6
7
8
9
10
Vout (VDC)
12.12
12.24
12.36
12.48
12.6
12.72
12.84
12.96
13.08
13.2
Rt up (KΩ)
706.435 158.920
83.878
54.074
38.076
28.095
21.274
16.316
12.551
9.594
AM20EW-xx15S-NZ
Trim down %
1
2
3
4
5
6
7
8
9
10
Vout (VDC)
14.85
14.7
14.55
14.4
14.25
14.1
13.95
13.8
13.65
13.5
Rt down (KΩ)
634.883 400.637 288.513 222.758 179.536 148.959 126.187 108.568
94.532 83.086
Trim up %
1
2
3
4
5
6
7
8
9
10
Vout (VDC)
15.15
15.3
15.45
15.6
15.75
15.9
16.05
16.2
16.35
16.5
Rt up (KΩ)
1460.098 192.573
96.641
61.354
43.016
31.781
24.191
18.720
14.590 11.361
AM20EW-xx24S-NZ, xx=24 or 48
Trim down %
1
2
3
4
5
6
7
8
9
10
Vout (VDC)
23.76
23.52
23.28
23.04
22.8
22.56
22.32
22.08
21.84
21.6
Rt down (KΩ)
1038.047 638.015 455.256 350.553 282.702 235.158 199.992 172.928 151.453
134
Trim up %
1
2
3
4
5
6
7
8
9
10
Vout (VDC)
24.24
24.48
24.72
24.96
25.2
25.44
25.68
25.92
26.16
26.4
Rt up (KΩ)
816.889 179.913
94.338
60.463
42.306
30.987
23.256
17.640
13.375 10.027


Similar Part No. - AM30EW-2409S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30EW-240312TZ AIMTEC-AM30EW-240312TZ Datasheet
464Kb / 6P
   30 Watt | DC-DC Converter
AM30EW-240312TZ AIMTEC-AM30EW-240312TZ Datasheet
367Kb / 7P
   30 Watt | DC-DC Converter
AM30EW-240315TZ AIMTEC-AM30EW-240315TZ Datasheet
464Kb / 6P
   30 Watt | DC-DC Converter
AM30EW-240315TZ AIMTEC-AM30EW-240315TZ Datasheet
367Kb / 7P
   30 Watt | DC-DC Converter
AM30EW-2403SZ AIMTEC-AM30EW-2403SZ Datasheet
464Kb / 6P
   30 Watt | DC-DC Converter
More results

Similar Description - AM30EW-2409S-NZ

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0424S05 XPPOWER-JCD0424S05 Datasheet
105Kb / 2P
   Continuous Short Circuit Protection
logo
AIMTEC
AM30KW-I-Z AIMTEC-AM30KW-I-Z Datasheet
180Kb / 5P
   Continuous Short Circuit Protection
AME5-CJZ AIMTEC-AME5-CJZ Datasheet
191Kb / 5P
   Continuous Short circuit protection
AMEL10-MJZ AIMTEC-AMEL10-MJZ Datasheet
170Kb / 3P
   Continuous Short Circuit Protection
logo
MORNSUN Science& Techno...
F0505XT-W2R2 MORNSUN-F0505XT-W2R2 Datasheet
1Mb / 4P
   Continuous short-circuit protection
logo
AIMTEC
AM1LR-NZ AIMTEC-AM1LR-NZ Datasheet
141Kb / 3P
   Continuous short circuit protection
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
   Continuous short circuit protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
logo
Recom International Pow...
REC30 RECOM-REC30 Datasheet
384Kb / 6P
   Continuous Short Circuit Protection
logo
AIMTEC
AM6C-NZ AIMTEC-AM6C-NZ Datasheet
237Kb / 3P
   Continuous Short Circuit Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com