Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6T-4805S-NZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM6T-4805S-NZ
Description  Pin compatible with multiple manufacturers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6T-4805S-NZ Datasheet(HTML) 3 Page - AIMTEC

  AM6T-4805S-NZ Datasheet HTML 1Page - AIMTEC AM6T-4805S-NZ Datasheet HTML 2Page - AIMTEC AM6T-4805S-NZ Datasheet HTML 3Page - AIMTEC AM6T-4805S-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AM6T-NZ
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6
3 of 4
North America only
Dimensions 1500VDC
Dimensions 3000VDC
Recommended Circuit
DC
DC
+ Vin
- Vin
+Vout
- Vout
+
LDM2
MOV
FUSE
TVS
C3
Optional Surge
Circuit


Similar Part No. - AM6T-4805S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6T-4805S-N AIMTEC-AM6T-4805S-N Datasheet
195Kb / 3P
   6 watt dc-dc converters
More results

Similar Description - AM6T-4805S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3T-R-Z AIMTEC-AM3T-R-Z Datasheet
278Kb / 4P
   Pin compatible with multiple manufacturers
AM4TW-R-Z AIMTEC-AM4TW-R-Z Datasheet
225Kb / 3P
   Pin compatible with multiple manufacturers
AM2N-N-Z AIMTEC-AM2N-N-Z Datasheet
208Kb / 4P
   Pin Compatible With Multiple Manufacturers
AM3T-PNZ AIMTEC-AM3T-PNZ Datasheet
216Kb / 4P
   Pin compatible with multiple manufacturers
AM2DS-NZ AIMTEC-AM2DS-NZ Datasheet
193Kb / 5P
   Pin compatible with multiple manufacturers
AM3TW-R-Z AIMTEC-AM3TW-R-Z Datasheet
226Kb / 3P
   Pin compatible with multiple manufacturers
logo
Synaptics Incorporated.
CX93011 CONEXANT-CX93011 Datasheet
195Kb / 2P
   Pin compatible with CX90240 chipset
logo
Emerson Network Power
BXA40 EMERSON-NETWORKPOWER-BXA40 Datasheet
243Kb / 4P
   Pin-compatible with NFC40 Series
logo
Linear Technology
LTC4245 LINER-LTC4245 Datasheet
431Kb / 36P
   Multiple Supply Hot Swap Controller with I2C Compatible Monitoring
LTC4245 LINER-LTC4245_15 Datasheet
437Kb / 36P
   Multiple Supply Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com