Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME2-AZ Datasheet(PDF) 2 Page - AIMTEC

Part # AME2-AZ
Description  Optional 90-528VAC, 47-440Hz, or 130-745 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME2-AZ Datasheet(HTML) 2 Page - AIMTEC

  AME2-AZ Datasheet HTML 1Page - AIMTEC AME2-AZ Datasheet HTML 2Page - AIMTEC AME2-AZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AME2-AZ
2Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.I
2 of 3
North America only
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100
KHz
Over Load protection
Auto recovery
>125%
Short circuit protection
Auto recovery
Operating temperature
Without derating
-40 to +70
oC
Storage temperature
-40 to +85
oC
Maximum Case temperature
100
oC
Humidity
Non condensing
20 ~ 95
% RH
Case material
Plastic resin + Fiberglass (flammability to UL 94V-0)
Weight
25
g
Dimensions (L x W x H)
1.40 x 0.92 x 0.76 (35.60 x 23.31 x 19.32mm)
MTBF
> 400 000 hrs (MIL-HDBK -217F, t=+25
oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified.
Environment Approval
Parameters
Conditions
Shock
Wave form: Half sine wave
Acceleration amplitude: 5gn
Bump duration: 30 ms
Number of bumps: 18 (3 in each direction for every axis)
Converter operation before and after test, body mounted (on chassis)
Vibrations
Test mode: Sweep sine
10-100Hz, speed 0.05Hz/s
Displacement: 1mm
Acceleration: 3g
3 loops 30min one cycle, 3h total, every axis tested
Converter operation before and after test, body mounted (on chassis)
Safety Specifications
Parameters
Agency approvals
cULus, CE, CB, FCC
Standards
Information technology Equipment
IEC/EN/UL 60950-1:2006+A11:2009
EMI - Conducted and radiated emission
EN55022, class B (* see note)
Harmonic Current Emissions
IEC/EN 61000-3-2, Class A
Voltage fluctuations and flicker
IEC/EN 61000-3-3, (EN60555-3)
Electrostatic Discharge Immunity
IEC 61000-4-2
RF, Electromagnetic Field Immunity
IEC 61000-4-3
Electrical Fast Transient/Burst Immunity
IEC 61000-4-4
Surge Immunity (1KV)
IEC 61000-4-5(SAZ: Level 2,SBAZ: Level 1)
RF, Conducted Disturbance Immunity
IEC 61000-4-6
Power frequency Magnetic Field Immunity
IEC 61000-4-8
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11
FCC part 15 Subpart B, Class B, ANSI C63.4 :2003
* Note: for 528VAC models to meet the EN55022 class B spec an external 0.33uF X capacitor is needed to be installed between AC L and AC N as close
as possible to the input of the power supply itself
Pin Out Specifications*
* Note: Input Pins 1 and 2 can be “N” and "L" respectively when the input voltage is supplied from a single phase.
Input Pins 1 and 2 can be “L1” and "L2" respectively when the input voltage is supplied from 3 phase line to line voltage 208-480Vac (208 Y/ 120V 3-phase,
240 Y/ 120V 3-phase, 400 Y/ 230V 3-phase or 480 Y/ 277V 3-phase).
Pin
Single
1*
AC Input (N) or (L1)
2*
AC Input (L) or (L2)
3
-V Output
4
+V Output


Similar Part No. - AME2-AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME2-AZ AIMTEC-AME2-AZ_16 Datasheet
178Kb / 3P
   2Watt | AC-DC Converter
More results

Similar Description - AME2-AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME3-CJZ AIMTEC-AME3-CJZ Datasheet
159Kb / 3P
   Input: 85-264VAC, 47-63Hz, or 100-370 VDC
logo
Bel Fuse Inc.
LDW25-24 BEL-LDW25-24 Datasheet
673Kb / 4P
   Single or two phase AC (90 - 550 VAC) or DC (150 - 725 VDC) input
logo
Mean Well Enterprises C...
HVG-65 MEANWELL-HVG-65 Datasheet
157Kb / 8P
   WIDE INPUT RANGE 180~528VAC
HVGC-65 MEANWELL-HVGC-65 Datasheet
159Kb / 8P
   WIDE INPUT RANGE 180~528VAC
logo
Recom International Pow...
RACM130E-K RECOM-RACM130E-K Datasheet
2Mb / 10P
   130 Watt Open Frame 2x4 or Enclosed
REV.: 0/2022
logo
Total Power Internation...
TPIUU-60 TOTAL-POWER-TPIUU-60 Datasheet
289Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIBU-61 TOTAL-POWER-TPIBU-61 Datasheet
396Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU-61 TOTAL-POWER-TPIUU-61 Datasheet
296Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
logo
Tensility International...
11-00018 TENSILITY-11-00018 Datasheet
99Kb / 1P
   20802 Sockeye Place #130 Bend, OR 97701 USA
50-00057 TENSILITY-50-00057 Datasheet
89Kb / 1P
   20802 Sockeye Place #130 Bend, OR 97701 USA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com