Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME5-3.3SCJZ Datasheet(PDF) 5 Page - AIMTEC

Part # AME5-3.3SCJZ
Description  Continuous Short circuit protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME5-3.3SCJZ Datasheet(HTML) 5 Page - AIMTEC

  AME5-3.3SCJZ Datasheet HTML 1Page - AIMTEC AME5-3.3SCJZ Datasheet HTML 2Page - AIMTEC AME5-3.3SCJZ Datasheet HTML 3Page - AIMTEC AME5-3.3SCJZ Datasheet HTML 4Page - AIMTEC AME5-3.3SCJZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series AME5-CJZ
5 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8
5 of 5
North America only
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
Model
C2
C4
C6
TVS1
TVS2
TVS3
Single 3.3 & 5 Vout
330 µF
-
-
7V
-
-
Single 9 Vout
120 µF
-
-
12V
-
-
Single 12 Vout
120 µF
-
-
20V
-
-
Single 15 Vout
68 µF
-
-
20V
-
-
Single 24 Vout
68 µF
-
-
30V
-
-
Dual ±5 Vout
120 µF
120 µF
-
7V
7V
-
Dual ±12 Vout
68 µF
68 µF
-
20V
20V
-
Dual ±15 Vout
47 µF
47 µF
-
20V
20V
-
Dual ±24 Vout
10 µF
10 µF
-
30V
30V
-
Triple 5/±5 Vout
220 µF
22 µF
22 µF
7V
7V
7V
Triple 5/±12 & 5/±15
Vout
120 µF
22 µF
22 µF
7V
20V
20V
Triple 5/±15 Vout
120 µF
22 µF
22 µF
7V
30V
30V
Dual 5/5 Vout
220 µF
22 µF
-
7V
7V
-
Dual 5/12 Vout
220 µF
22 µF
-
7V
20V
-
Dual 5/15 Vout
120 µF
22 µF
-
7V
20V
-
Dual 5/24 Vout
120 µF
22 µF
-
7V
30V
-
AC
DC
AC L
AC N
+ Vout 1
- Vout 2
Asymmetric
Dual Output
MOV
S14K350
FUSE
1A/300V
C1
1µF/50V
NTC
AC L
AC N
+
Vout 2
C2
+
TVS 1
Earth/GND
-
C3
1µF/50V
C4
+
-
+
Vout 1
+ Vout 2
- Vout 1
TVS 2
AC
DC
AC L
AC N
+ Vout 2
- Vout 2
MOV
S14K350
FUSE
1A/300V
C5
1µF/50V
NTC
AC L
AC N
+ Vout 2
- Vout 2
C6
+
TVS2
Earth/GND
Com
C3
1µF/50V
C4
+
Com
+
C1
1µF/50V
C2
+
TVS1
+
-
-
Vout 1
Vout 1
Triple Output
TVS3


Similar Part No. - AME5-3.3SCJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME5-3.3SJZ AIMTEC-AME5-3.3SJZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AME5-3.3SVZ AIMTEC-AME5-3.3SVZ Datasheet
587Kb / 3P
   AC-DC / DC-DC Converter
More results

Similar Description - AME5-3.3SCJZ

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0424S05 XPPOWER-JCD0424S05 Datasheet
105Kb / 2P
   Continuous Short Circuit Protection
logo
AIMTEC
AM30EW-NZ AIMTEC-AM30EW-NZ Datasheet
269Kb / 5P
   Continuous Short Circuit protection
AM30KW-I-Z AIMTEC-AM30KW-I-Z Datasheet
180Kb / 5P
   Continuous Short Circuit Protection
AMEL10-MJZ AIMTEC-AMEL10-MJZ Datasheet
170Kb / 3P
   Continuous Short Circuit Protection
logo
MORNSUN Science& Techno...
F0505XT-W2R2 MORNSUN-F0505XT-W2R2 Datasheet
1Mb / 4P
   Continuous short-circuit protection
logo
AIMTEC
AM1LR-NZ AIMTEC-AM1LR-NZ Datasheet
141Kb / 3P
   Continuous short circuit protection
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
   Continuous short circuit protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
logo
Recom International Pow...
REC30 RECOM-REC30 Datasheet
384Kb / 6P
   Continuous Short Circuit Protection
logo
AIMTEC
AM6C-NZ AIMTEC-AM6C-NZ Datasheet
237Kb / 3P
   Continuous Short Circuit Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com