Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEL5-3.3SCJZ Datasheet(PDF) 3 Page - AIMTEC

Part # AMEL5-3.3SCJZ
Description  Over current, Over Voltage Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL5-3.3SCJZ Datasheet(HTML) 3 Page - AIMTEC

  AMEL5-3.3SCJZ Datasheet HTML 1Page - AIMTEC AMEL5-3.3SCJZ Datasheet HTML 2Page - AIMTEC AMEL5-3.3SCJZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AMEL5-CJZ
5 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8
3 of 3
North America only
Derating
Typical application circuit
EMC recommended circuit
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
Model
C2
3.3 & 5 Vout
220 µF / 35V
9, 12 & 15
Vout
120 µF / 35V
24 Vout
47 µF / 35V
-20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
Input 110-240VAC or
140-340VDC
- 25
Free Air Convection
Ambient Temperature º C
70
55
50
-10
70
85
(100)
110
(140)
264
(370)
100
80
60
40
20
0
Safe Operating Area
Free Air Convection at 25°C
Input Voltage VAC (VDC)
240
(340)
50
AC
DC
AC L
AC N
+ Vout
- Vout
Single Output
MOV
S14K350
FUSE
1A/250V
C1
1µF/50V
NTC
AC L
AC N
4
3
C2
+
AC
DC
AC L
AC N
LDM
4.7µH/2A
+Vout
- Vout
Single Output
MOV
S14K350
FUSE
1A/250V
AC N
AC L
C2
+
LCM
2.2mH
CX
0.1µF/
275VAC
GND
CY1
1nF/
400VAC
CY2
1nF/
400VAC
NTC
C1
1µF/50V
+Vout
- Vout


Similar Part No. - AMEL5-3.3SCJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-3.3SAZ AIMTEC-AMEL5-3.3SAZ Datasheet
320Kb / 3P
   5 Watt | AC-DC Converter
AMEL5-3.3SAZ AIMTEC-AMEL5-3.3SAZ Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-3.3SAZ AIMTEC-AMEL5-3.3SAZ Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-3.3SEMAZ AIMTEC-AMEL5-3.3SEMAZ Datasheet
252Kb / 4P
   5 Watt | AC-DC Converter
AMEL5-3.3SEMAZ AIMTEC-AMEL5-3.3SEMAZ Datasheet
147Kb / 4P
   5 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEL5-3.3SCJZ

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
   Over Current / Over Voltage Protection
logo
AIMTEC
AMEL5-JZ AIMTEC-AMEL5-JZ Datasheet
153Kb / 3P
   Over current, Over Voltage Protection
logo
ON Semiconductor
FPF2496 ONSEMI-FPF2496 Datasheet
362Kb / 11P
   Over-Voltage, Over-Current Protection
April 2017 Rev. 1.11
logo
CUI INC
VOF-6B CUI-VOF-6B Datasheet
479Kb / 5P
   short circuit, over voltage protection, over current protection
logo
List of Unclassifed Man...
ENH-0620 ETC2-ENH-0620 Datasheet
264Kb / 2P
   Over Current Voltage Protection
ENS-0748 ETC2-ENS-0748 Datasheet
902Kb / 2P
   Over Current Voltage Protection
ENS-0330 ETC2-ENS-0330 Datasheet
1Mb / 2P
   Over Current Voltage Protection
logo
Will Semiconductor Ltd.
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
   Over voltage and over current protection IC
logo
List of Unclassifed Man...
ENS-0565 ETC2-ENS-0565 Datasheet
1Mb / 2P
   Over Current Voltage Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com