Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME5-12SCJZ Datasheet(PDF) 1 Page - AIMTEC

Part # AME5-12SCJZ
Description  Continuous Short circuit protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME5-12SCJZ Datasheet(HTML) 1 Page - AIMTEC

  AME5-12SCJZ Datasheet HTML 1Page - AIMTEC AME5-12SCJZ Datasheet HTML 2Page - AIMTEC AME5-12SCJZ Datasheet HTML 3Page - AIMTEC AME5-12SCJZ Datasheet HTML 4Page - AIMTEC AME5-12SCJZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AME5-CJZ
5 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8
1 of 5
North America only
Picture coming soon
FEATURES:
Models
Single output
Model
Input Voltage
(VAC/Hz)
Input Voltage
(VDC)
Output
Voltage
(V)
Output
Current max
(A)
Maximum
capacitive
Load
(µF)
Efficiency
230VAC
(%)
AME5-3.3SCJZ
85-264/47-63
120-370
3.3
1.25
8100
70
AME5-5SCJZ
85-264/47-63
120-370
5
1
6800
75
AME5-9SCJZ
85-264/47-63
120-370
9
0.55
1200
77
AME5-12SCJZ
85-264/47-63
120-370
12
0.42
1000
79
AME5-15SCJZ
85-264/47-63
120-370
15
0.330
680
80
AME5-24SCJZ
85-264/47-63
120-370
24
0.23
270
82
Models
Dual output
Model
Input Voltage
(VAC/Hz)
Input Voltage
(VDC)
Output
Voltage
(V)
Output
Current max
(A)
Maximum
capacitive
Load
(µF)
Efficiency
230VAC
(%)
AME5-5DCJZ
85-264/47-63
120-370
±5
±0.50
±1480
75
AME5-12DCJZ
85-264/47-63
120-370
±12
±0.21
±130
79
AME5-15DCJZ
85-264/47-63
120-370
±15
±0.16
±110
79
AME5-24DCJZ
85-264/47-63
120-370
±24
±0.1
±16
80
Models
Triple output
Model
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Output
Voltage
(V)
Auxiliary
Output
Voltage
(V)
Output
Current max
(A)
Maximum
capacitive
Load
(µF)
Efficiency
230VAC
(%)
AME5-505TCJZ
85-264/47-63
120-370
5
±5
0.8/±0.10
2400/370
70
AME5-512TCJZ
85-264/47-63
120-370
5
±12
0.6/±0.10
1600/170
73
AME5-515TCJZ
85-264/47-63
120-370
5
±15
0.6/±0.08
1760/80
74
AME5-524TCJZ
85-264/47-63
120-370
5
±24
0.6/±0.05
1170/50
75
Models
Asymmetric Separated Dual output
Model
Input Voltage
(VAC/Hz)
Input Voltage
(VDC)
Output
Voltage
(V)
Output
Current max
(A)
Maximum
capacitive
Load
(µF)
Efficiency
230VAC
(%)
AME5-505DCJZ
85-264/47-63
120-370
5/5
0.9/0.1
3360/370
71
AME5-512DCJZ
85-264/47-63
120-370
5/12
0.75/0.1
2400/170
73
AME5-515DCJZ
85-264/47-63
120-370
5/15
0.7/0.1
2160/170
73
AME5-524DCJZ
85-264/47-63
120-370
5/24
0.6/0.1
3000/100
75
• I/O Isolation 3000VAC
• Continuous Short circuit protection
• Operating Temp: -25 °C to +70 °C
• Energy Star compliant
• Input: 85-264VAC, 47-63Hz, or 120-370VDC
• Compact package
• Over current, Over Voltage Protection
• Efficiency up to 82%
Click on Series name for product info on aimtec.com


Similar Part No. - AME5-12SCJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME5-12SJZ AIMTEC-AME5-12SJZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AME5-12SVZ AIMTEC-AME5-12SVZ Datasheet
587Kb / 3P
   AC-DC / DC-DC Converter
More results

Similar Description - AME5-12SCJZ

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0424S05 XPPOWER-JCD0424S05 Datasheet
105Kb / 2P
   Continuous Short Circuit Protection
logo
AIMTEC
AM30EW-NZ AIMTEC-AM30EW-NZ Datasheet
269Kb / 5P
   Continuous Short Circuit protection
AM30KW-I-Z AIMTEC-AM30KW-I-Z Datasheet
180Kb / 5P
   Continuous Short Circuit Protection
AMEL10-MJZ AIMTEC-AMEL10-MJZ Datasheet
170Kb / 3P
   Continuous Short Circuit Protection
logo
MORNSUN Science& Techno...
F0505XT-W2R2 MORNSUN-F0505XT-W2R2 Datasheet
1Mb / 4P
   Continuous short-circuit protection
logo
AIMTEC
AM1LR-NZ AIMTEC-AM1LR-NZ Datasheet
141Kb / 3P
   Continuous short circuit protection
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
   Continuous short circuit protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
logo
Recom International Pow...
REC30 RECOM-REC30 Datasheet
384Kb / 6P
   Continuous Short Circuit Protection
logo
AIMTEC
AM6C-NZ AIMTEC-AM6C-NZ Datasheet
237Kb / 3P
   Continuous Short Circuit Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com