Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEL10-3.3SMJZ Datasheet(PDF) 3 Page - AIMTEC

Part # AMEL10-3.3SMJZ
Description  Continuous Short Circuit Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL10-3.3SMJZ Datasheet(HTML) 3 Page - AIMTEC

  AMEL10-3.3SMJZ Datasheet HTML 1Page - AIMTEC AMEL10-3.3SMJZ Datasheet HTML 2Page - AIMTEC AMEL10-3.3SMJZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AMEL10-MJZ
10 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8
3 of 3
North America only
Derating
Typical application circuit
Class B compliance recommended circuit
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
Model
C2
TVS
3.3 & 5 Vout
220 µF / 10V
7V
9Vout
120 µF / 25V
12V
12 & 15 Vout
120 µF / 25V
20V
24 Vout
68 µF / 35V
30V
-20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
Input 110-240VAC or
140-340VDC
- 25
Free Air Convection
Ambient Temperature º C
70
55
50
-10
70
85
(100)
100
(140)
264
(270)
100
80
60
40
20
0
Safe Operating Area
Free Air Convection at 25°C
Input Voltage VAC (VDC)
240
(340)
AC
DC
AC L
AC N
+ Vout
- Vout
Single Output
MOV
S14K350
FUSE
2A/250V
C1
1µF/50V
AC L
AC N
4
3
C2
+
TVS
AC
DC
AC L
AC N
LDM
4.7µH/2A
+Vout
- Vout
Single Output
MOV
S14K350
FUSE
2A/250V
AC N
AC L
C2 +
LCM
2.2mH
CX
0.1µF/
275VAC
GND
CY1
1nF/
400VAC
CY2
1nF/
400VAC
R1
12Ω/3W
C1
1µF/50V
+Vout
- Vout
TVS
R2
12Ω/3W


Similar Part No. - AMEL10-3.3SMJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL10-3.3SMAZ AIMTEC-AMEL10-3.3SMAZ Datasheet
300Kb / 4P
   10 Watt | AC-DC Converter
AMEL10-3.3SMAZ AIMTEC-AMEL10-3.3SMAZ Datasheet
482Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-3.3SMAZ AIMTEC-AMEL10-3.3SMAZ Datasheet
554Kb / 6P
   10 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEL10-3.3SMJZ

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0424S05 XPPOWER-JCD0424S05 Datasheet
105Kb / 2P
   Continuous Short Circuit Protection
logo
AIMTEC
AM30EW-NZ AIMTEC-AM30EW-NZ Datasheet
269Kb / 5P
   Continuous Short Circuit protection
AM30KW-I-Z AIMTEC-AM30KW-I-Z Datasheet
180Kb / 5P
   Continuous Short Circuit Protection
AME5-CJZ AIMTEC-AME5-CJZ Datasheet
191Kb / 5P
   Continuous Short circuit protection
logo
MORNSUN Science& Techno...
F0505XT-W2R2 MORNSUN-F0505XT-W2R2 Datasheet
1Mb / 4P
   Continuous short-circuit protection
logo
AIMTEC
AM1LR-NZ AIMTEC-AM1LR-NZ Datasheet
141Kb / 3P
   Continuous short circuit protection
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
   Continuous short circuit protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
logo
Recom International Pow...
REC30 RECOM-REC30 Datasheet
384Kb / 6P
   Continuous Short Circuit Protection
logo
AIMTEC
AM6C-NZ AIMTEC-AM6C-NZ Datasheet
237Kb / 3P
   Continuous Short Circuit Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com