Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEL12-5SCJZ Datasheet(PDF) 3 Page - AIMTEC

Part # AMEL12-5SCJZ
Description  Continuous Short Circuit Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL12-5SCJZ Datasheet(HTML) 3 Page - AIMTEC

  AMEL12-5SCJZ Datasheet HTML 1Page - AIMTEC AMEL12-5SCJZ Datasheet HTML 2Page - AIMTEC AMEL12-5SCJZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AMEL12-CJZ
12 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8
3 of 3
North America only
Derating
Typical application circuit
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
Model
C2
TVS
3.3 & 5 Vout
220 µF / 10V
7V
12 & 15 Vout
120 µF / 25V
20V
24 Vout
68 µF / 35V
30V
-20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
Input 100-240VAC or
120-340VDC
- 25
Free Air Convection
Ambient Temperature º C
70
55
50
75
85
(100)
100
(120)
264
(370)
100
80
60
40
20
0
Safe Operating Area
Free Air Convection at 25°C
Input Voltage VAC (VDC)
240
(340)
70
AC
DC
AC L
AC N
+ Vout
- Vout
Single Output
MOV
S20K350
FUSE
1A/300V
C1
1µF/50V
NTC
AC L
AC N
4
3
C2
+
TVS


Similar Part No. - AMEL12-5SCJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL1-12SAZ AIMTEC-AMEL1-12SAZ Datasheet
376Kb / 4P
   AC-DC Converter
AMEL1-12SBAZ AIMTEC-AMEL1-12SBAZ Datasheet
376Kb / 4P
   AC-DC Converter
AMEL1-15SAZ AIMTEC-AMEL1-15SAZ Datasheet
376Kb / 4P
   AC-DC Converter
AMEL1-15SBAZ AIMTEC-AMEL1-15SBAZ Datasheet
376Kb / 4P
   AC-DC Converter
AMEL1-24SAZ AIMTEC-AMEL1-24SAZ Datasheet
376Kb / 4P
   AC-DC Converter
More results

Similar Description - AMEL12-5SCJZ

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0424S05 XPPOWER-JCD0424S05 Datasheet
105Kb / 2P
   Continuous Short Circuit Protection
logo
AIMTEC
AM30EW-NZ AIMTEC-AM30EW-NZ Datasheet
269Kb / 5P
   Continuous Short Circuit protection
AM30KW-I-Z AIMTEC-AM30KW-I-Z Datasheet
180Kb / 5P
   Continuous Short Circuit Protection
AME5-CJZ AIMTEC-AME5-CJZ Datasheet
191Kb / 5P
   Continuous Short circuit protection
AMEL10-MJZ AIMTEC-AMEL10-MJZ Datasheet
170Kb / 3P
   Continuous Short Circuit Protection
logo
MORNSUN Science& Techno...
F0505XT-W2R2 MORNSUN-F0505XT-W2R2 Datasheet
1Mb / 4P
   Continuous short-circuit protection
logo
AIMTEC
AM1LR-NZ AIMTEC-AM1LR-NZ Datasheet
141Kb / 3P
   Continuous short circuit protection
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
   Continuous short circuit protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
logo
Recom International Pow...
REC30 RECOM-REC30 Datasheet
384Kb / 6P
   Continuous Short Circuit Protection
logo
AIMTEC
AM6C-NZ AIMTEC-AM6C-NZ Datasheet
237Kb / 3P
   Continuous Short Circuit Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com