Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEOF3-3.3SJZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMEOF3-3.3SJZ
Description  Continuous short circuit protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEOF3-3.3SJZ Datasheet(HTML) 1 Page - AIMTEC

  AMEOF3-3.3SJZ Datasheet HTML 1Page - AIMTEC AMEOF3-3.3SJZ Datasheet HTML 2Page - AIMTEC AMEOF3-3.3SJZ Datasheet HTML 3Page - AIMTEC AMEOF3-3.3SJZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
O
Series AMEOF3-JZ
3 Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R0
1 of 4
North America only
Picture Coming Soon
FEATURES:
Models
Single output
Model
Input Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Full power
temperature
range
(ºC)
Output
Voltage
(V)
Output
Current max
(mA)
Maximum
capacitive
load
(µF)
Efficiency
(%)
AMEOF3-3.3SJZ
85-264/47-440
70-400
-20 to +55
3.3
500
470
63
AMEOF3-5SJZ
85-264/47-440
70-400
-20 to +55
5
500
470
68
AMEOF3-9SJZ
85-264/47-440
70-400
-20 to +55
9
333
150
75
AMEOF3-12SJZ
85-264/47-440
70-400
-20 to +55
12
250
100
77
AMEOF3-15SJZ
85-264/47-440
70-400
-20 to +55
15
200
100
78
AMEOF3-24SJZ
85-264/47-440
70-400
-20 to +55
24
125
100
80
AMEOF3-3.3SLJZ
85-264/47-440
70-400
-20 to +55
3.3
500
470
63
AMEOF3-5SLJZ
85-264/47-440
70-400
-20 to +55
5
500
470
68
AMEOF3-9SLJZ
85-264/47-440
70-400
-20 to +55
9
333
150
75
AMEOF3-12SLJZ
85-264/47-440
70-400
-20 to +55
12
250
100
77
AMEOF3-15SLJZ
85-264/47-440
70-400
-20 to +55
15
200
100
78
AMEOF3-24SLJZ
85-264/47-440
70-400
-20 to +55
24
125
100
80
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current
115VAC
120
mA
230VAC
60
mA
Inrush current <2ms
115VAC
13
A
230VAC
23
A
External fuse
Recommended slow blow type
1
A
Input dissipation
No Load
0.5
W
Input filter
Recommended external π (Pi) filter
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
Full load, 3.3V output
Full load, others
±8
±5
%
Line regulation
Full load
±1.5
%
Load regulation
10% - 100% load
±2.5
%
Ripple & Noise
20MHz Bandwidth
150
mV p-p
Minimum load current
10
% of Max
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
3000
VAC
Isolation Resistance
>1000
MΩ
• Input: 85-264VAC, 47-440Hz or 70-400VDC
• I/O Isolation 3000VAC
• Operating temperature -40°C to +85°C
• Ultra slim open frame SIP
Low power consumption ≤ 0.5W
• Over current protection
• Continuous short circuit protection
• Class II power supply


Similar Part No. - AMEOF3-3.3SJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOF3-3.3SBJZ AIMTEC-AMEOF3-3.3SBJZ Datasheet
946Kb / 4P
   AC-DC Converter
AMEOF3-3.3SLBJZ AIMTEC-AMEOF3-3.3SLBJZ Datasheet
946Kb / 4P
   AC-DC Converter
More results

Similar Description - AMEOF3-3.3SJZ

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0424S05 XPPOWER-JCD0424S05 Datasheet
105Kb / 2P
   Continuous Short Circuit Protection
logo
AIMTEC
AM30EW-NZ AIMTEC-AM30EW-NZ Datasheet
269Kb / 5P
   Continuous Short Circuit protection
AM30KW-I-Z AIMTEC-AM30KW-I-Z Datasheet
180Kb / 5P
   Continuous Short Circuit Protection
AME5-CJZ AIMTEC-AME5-CJZ Datasheet
191Kb / 5P
   Continuous Short circuit protection
AMEL10-MJZ AIMTEC-AMEL10-MJZ Datasheet
170Kb / 3P
   Continuous Short Circuit Protection
logo
MORNSUN Science& Techno...
F0505XT-W2R2 MORNSUN-F0505XT-W2R2 Datasheet
1Mb / 4P
   Continuous short-circuit protection
logo
AIMTEC
AM1LR-NZ AIMTEC-AM1LR-NZ Datasheet
141Kb / 3P
   Continuous short circuit protection
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
   Continuous short circuit protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
logo
Recom International Pow...
REC30 RECOM-REC30 Datasheet
384Kb / 6P
   Continuous Short Circuit Protection
logo
AIMTEC
AM6C-NZ AIMTEC-AM6C-NZ Datasheet
237Kb / 3P
   Continuous Short Circuit Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com