Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

502MILFT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 502MILFT
Description  Packaged as 8-pin SOIC or die
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

502MILFT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  502MILFT Datasheet HTML 1Page - List of Unclassifed Manufacturers 502MILFT Datasheet HTML 2Page - List of Unclassifed Manufacturers 502MILFT Datasheet HTML 3Page - List of Unclassifed Manufacturers 502MILFT Datasheet HTML 4Page - List of Unclassifed Manufacturers 502MILFT Datasheet HTML 5Page - List of Unclassifed Manufacturers 502MILFT Datasheet HTML 6Page - List of Unclassifed Manufacturers 502MILFT Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ICS502
LOCO™ PLL CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
2
ICS502
REV M 051310
Pin Assignment
Clock Decoding Table (MHz)
Minimum input frequency for all selections is per table on
page 3.
0 = connect directly to ground
1 = connect directly to VDD
M = leave unconnected (floating)
Common Output Frequency Examples (MHz)
Pin Descriptions
X1/ICLK
VDD
GND
S1
REF
S0
CLK
X2
1
2
3
4
8
7
6
5
8 Pi n ( 150 mi l ) SOI C
S1 S0
CLK
00
x2
01
x5
M0
x3
M
1
x3.33
10
x4
11
x2.5
Output
20
25
30
32
33.33
37.5
40
48
50
54
60
Input
10
10
10
16
10
15
20
16
20
13.5
20
Selection (S1, S0)
0, 0
1, 1
M, 0
0, 0
M, 1
1, 1
0, 0
M, 0
1, 1
1, 0
M, 0
Output
64
66.66
72
75
80
81
90
100
108
120
135
Input
16
20
24
15
20
27
27
20
27
24
27
Selection (S1, S0)
1, 0
M, 1
M, 0
0, 1
1, 0
M, 0
M, 1
0, 1
1, 0
0, 1
0, 1
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
XI/ICLK
Input
Crystal connection or clock input.
2
VDD
Power
Connect to +3.3 V or +5 V.
3
GND
Power
Connect to ground.
4
REF
Output
Buffered crystal oscillator output clock.
5
CLK
Output
Clock output per table above.
6
S0
Input
Select 0 for output clock. Connect to GND or VDD.
7
S1
Input
Select 1 for output clock. Connect to GND or VDD or float.
8
X2
Input
Crystal connection. Leave unconnected for clock input.


Similar Part No. - 502MILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
502MILFT IDT-502MILFT Datasheet
120Kb / 7P
   LOCO PLL CLOCK MULTIPLIER
More results

Similar Description - 502MILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS180-51 IDT-ICS180-51 Datasheet
146Kb / 7P
   Packaged in 8-pin SOIC
ICS181-52 IDT-ICS181-52 Datasheet
147Kb / 7P
   Packaged in 8-pin SOIC
ICS571 IDT-ICS571 Datasheet
185Kb / 7P
   Packaged in 8-pin SOIC
ICS180-01 IDT-ICS180-01 Datasheet
154Kb / 9P
   Packaged in 8-pin SOIC
ICS670-02 IDT-ICS670-02 Datasheet
200Kb / 7P
   Packaged in 16-pin SOIC
ICS670-03 IDT-ICS670-03 Datasheet
202Kb / 7P
   Packaged in 16-pin SOIC
ICS670-01 IDT-ICS670-01 Datasheet
103Kb / 7P
   Packaged in 16-pin SOIC
ICS525-0102 IDT-ICS525-0102 Datasheet
104Kb / 9P
   Packaged as 28-pin SSOP
ICS570 IDT-ICS570 Datasheet
256Kb / 11P
   8-pin SOIC package
logo
SMSC Corporation
8SOIC SMSC-8SOIC Datasheet
295Kb / 1P
   8 PIN SOIC PACKAGE OUTLINE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com