Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

502MILFT Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 502MILFT
Description  Packaged as 8-pin SOIC or die
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

502MILFT Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  502MILFT Datasheet HTML 1Page - List of Unclassifed Manufacturers 502MILFT Datasheet HTML 2Page - List of Unclassifed Manufacturers 502MILFT Datasheet HTML 3Page - List of Unclassifed Manufacturers 502MILFT Datasheet HTML 4Page - List of Unclassifed Manufacturers 502MILFT Datasheet HTML 5Page - List of Unclassifed Manufacturers 502MILFT Datasheet HTML 6Page - List of Unclassifed Manufacturers 502MILFT Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ICS502
LOCO™ PLL CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
6
ICS502
REV M 051310
Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Parts that are ordered with an “LF” suffix to the part number are the Pb-free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes
no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No
other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications
such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT
does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
502MLF
502MLF
Tubes
8-pin SOIC
0 to +70
° C
502MLFT
502MLF
Tape and Reel
8-pin SOIC
0 to +70
° C
502MILF
502MILF
Tubes
8-pin SOIC
-40 to +85
° C
502MILFT
502MILF
Tape and Reel
8-pin SOIC
-40 to +85
° C
502-DWF
-
Die on uncut, probed wafers
0 to +70
° C
502-DPK
-
Tested die in waffle pack
0 to +70
° C
D
EH
c
h x 450
b
e
Q
A
Pin 1
Index
Area
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.35
1.75
0.0532
0.0688
A1
1.10
0.25
0.0040
0.0098
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.0075
0.0098
D
4.80
5.00
.1890
.1968
E
3.80
4.00
0.1497
0.1574
e
1.27 Basic
0.050 Basic
H
5.80
6.20
0.2284
0.2440
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
a0
°
8
°
0
°
8
°


Similar Part No. - 502MILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
502MILFT IDT-502MILFT Datasheet
120Kb / 7P
   LOCO PLL CLOCK MULTIPLIER
More results

Similar Description - 502MILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS180-51 IDT-ICS180-51 Datasheet
146Kb / 7P
   Packaged in 8-pin SOIC
ICS181-52 IDT-ICS181-52 Datasheet
147Kb / 7P
   Packaged in 8-pin SOIC
ICS571 IDT-ICS571 Datasheet
185Kb / 7P
   Packaged in 8-pin SOIC
ICS180-01 IDT-ICS180-01 Datasheet
154Kb / 9P
   Packaged in 8-pin SOIC
ICS670-02 IDT-ICS670-02 Datasheet
200Kb / 7P
   Packaged in 16-pin SOIC
ICS670-03 IDT-ICS670-03 Datasheet
202Kb / 7P
   Packaged in 16-pin SOIC
ICS670-01 IDT-ICS670-01 Datasheet
103Kb / 7P
   Packaged in 16-pin SOIC
ICS525-0102 IDT-ICS525-0102 Datasheet
104Kb / 9P
   Packaged as 28-pin SSOP
ICS570 IDT-ICS570 Datasheet
256Kb / 11P
   8-pin SOIC package
logo
SMSC Corporation
8SOIC SMSC-8SOIC Datasheet
295Kb / 1P
   8 PIN SOIC PACKAGE OUTLINE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com