Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEPR8D-2435AZ Datasheet(PDF) 2 Page - AIMTEC

Part # AMEPR8D-2435AZ
Description  Leading or Trailing Edge Triac
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR8D-2435AZ Datasheet(HTML) 2 Page - AIMTEC

  AMEPR8D-2435AZ Datasheet HTML 1Page - AIMTEC AMEPR8D-2435AZ Datasheet HTML 2Page - AIMTEC AMEPR8D-2435AZ Datasheet HTML 3Page - AIMTEC AMEPR8D-2435AZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AMEPR8D-AZ
up to 0.7A | AC-DC LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.H
2 of 4
North America only
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
3sec
3000
VAC
Isolation resistance
>1000
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
66
KHz
Over load protection
≧110
%
Over voltage protection
≧110
%
Short circuit protection
Auto recovery
Operating temperature
With derating over 75°C
Refer to model application
oC
Storage temperature
-40 to +95
oC
Maximum case temperature
100
oC
Temperature coefficient
±0.02
% /
oC
Cooling
Free air convection
Humidity
Non condensing
20~95
% RH
Case material
Plastic
Potting
Epoxy (IP67 rated)
Wires
UL1015 Input 18AW G*10CM / Output 20 AWG*10CM
Weight
55
g
Dimensions (D X L)
27.4 x 70.3 mm (1.08 x 2.77 inches)
MTBF
>400,000 hrs (MIL-HDBK-217F at +25°C)
Environment Approval
Test
Parameters
Conditions
Shock
Wave form
Half sine wave
Acceleration amplitude
5gn
Bump duration
30ms
Converter operation
Before and after test, body mounted (on chassis)
Number of bumps
18 (3 in each direction for every axis)
Vibration
Test mode
Sweep sine, 10-100Hz, speed 0.05Hz/s
Displacement
1mm
Acceleration
3g, 3 loops 30min one cycle, 3h total, every axis tested
Converter operation
Before and after test, body mounted (on chassis)
Safety Specifications
Parameters
Agency approvals
cULus, FCC
Standards
UL8750, UL60950-1, class 2 power supply per UL1310, FCC15,
Wire Specifications
Wire
Parameters
Color
Input
ACN
Blue
ACL
Brown
Output
+V Output
Red
-V Output
Black


Similar Part No. - AMEPR8D-2435AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR8D-2435AZ AIMTEC-AMEPR8D-2435AZ Datasheet
254Kb / 4P
   up to 0.7A | AC-DC LED Driver
AMEPR8D-2435AZ AIMTEC-AMEPR8D-2435AZ Datasheet
507Kb / 4P
   up to 0.7A | AC-DC LED Driver
More results

Similar Description - AMEPR8D-2435AZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4800CP FAIRCHILD-ML4800CP Datasheet
119Kb / 14P
   Internally synchronized leading-edge PFC and trailing-edge PWM in one IC
logo
Texas Instruments
UCC28528 TI-UCC28528 Datasheet
556Kb / 32P
[Old version datasheet]   ADVANCED PFC/PWW COMBINATION CONTROLLER WITH TRAILING-EDGE/TRAILING-EDGE MODULATION
UCC28521 TI-UCC28521_15 Datasheet
528Kb / 33P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER WITH TRAILING-EDGE/TRAILING-EDGE MODULATION
logo
PCA ELECTRONICS INC.
EPA460 PCA-EPA460 Datasheet
45Kb / 1P
   14 Pin DIP 10 Tap TTL Compatible Active Delay Lines with Leading And Trailing Edge Precision
logo
Actel Corporation
A54SX32-1CQ208B ACTEL-A54SX32-1CQ208B Datasheet
504Kb / 64P
   Leading Edge Performance
logo
STMicroelectronics
L99DZ8X STMICROELECTRONICS-L99DZ8X Datasheet
1Mb / 2P
   Leading-edge devices
logo
LSI Computer Systems
LS7636 LSI-LS7636 Datasheet
220Kb / 7P
   REVERSE PHASE (TRAILING-EDGE) HALOGEN LAMP DIMMER
logo
List of Unclassifed Man...
GSM0306 ETC1-GSM0306 Datasheet
332Kb / 4P
   Utilizes leading-edge GSM/GPRS/EDGE silicon
logo
STMicroelectronics
STM32 STMICROELECTRONICS-STM32_V01 Datasheet
140Kb / 6P
   Leading-edge architecture with Cortex-M3 core
2007
logo
Renesas Technology Corp
R20UT2919EJ0100 RENESAS-R20UT2919EJ0100 Datasheet
386Kb / 11P
   Application Leading Tool for
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com