Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC703200AW Datasheet(PDF) 11 Page - ON Semiconductor

Part # LC703200AW
Description  Speech Processing IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC703200AW Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LC703200AW Datasheet HTML 7Page - ON Semiconductor LC703200AW Datasheet HTML 8Page - ON Semiconductor LC703200AW Datasheet HTML 9Page - ON Semiconductor LC703200AW Datasheet HTML 10Page - ON Semiconductor LC703200AW Datasheet HTML 11Page - ON Semiconductor LC703200AW Datasheet HTML 12Page - ON Semiconductor LC703200AW Datasheet HTML 13Page - ON Semiconductor LC703200AW Datasheet HTML 14Page - ON Semiconductor LC703200AW Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LC703200AW
No.A2234-11/20
Long flame synchronous format
Parameter
Symbol
Min
Typ
Max
Unit
LRCK period
Tlrckcy
-
1/Fs
-
nS
LRCK setup time
Tlrs
3Tsys+2
-
-
nS
LRCK hold time
Tlrh
Tsys+2
-
-
nS
BCK period
Tbckcy
-
1/(32Fs) or 1/(64Fs)
-
nS
BCK period (1
st half)
Tbckf
3Tsys
-
-
nS
BCK period (2
nd half)
Tbckb
3Tsys
-
-
nS
SI setup time
Tsis
15
-
-
nS
SI hold time
tsih
2Tsys+5
-
-
nS
SO delay
Tsodl
2Tsys+29
-
-
nS
*) Tsys is system clock frequency.
*) Fs is sampling frequency.
BCK
SI
SO
Tsih
Tsis
Tsodl
Tbckb
Tbckf
VALID
VALID
Tbckcy
BCK
SI
SO
LRCK
Tlbh
Tlbs
Tlrckcy


Similar Part No. - LC703200AW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC70 MICROSEMI-LC70 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC70 MICROSEMI-LC70 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC70 MICROSEMI-LC70 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC70 NJSEMI-LC70 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
LC700 ETC-LC700 Datasheet
196Kb / 10P
   Patient Care Unit Standard Laminate or Optional Terreon Lavatory Top
More results

Similar Description - LC703200AW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7590 STMICROELECTRONICS-TDA7590 Datasheet
341Kb / 40P
   Digital signal processing IC for speech and audio applications
TDA7550 STMICROELECTRONICS-TDA7550 Datasheet
118Kb / 12P
   DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
TDA7590 STMICROELECTRONICS-TDA7590_09 Datasheet
326Kb / 42P
   Digital signal processing IC for speech and audio applications
logo
New Japan Radio
NJM2105 NJRC-NJM2105 Datasheet
204Kb / 6P
   TELEPHONE SPEECH NETWORK IC
logo
NXP Semiconductors
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
NXP Semiconductors
TEA1098A PHILIPS-TEA1098A Datasheet
185Kb / 40P
   Speech and handsfree IC
2000 Mar 21
logo
Panasonic Semiconductor
AN5767K PANASONIC-AN5767K Datasheet
60Kb / 6P
   Synchronizing signal processing IC
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
logo
NXP Semiconductors
PCF5083 PHILIPS-PCF5083 Datasheet
602Kb / 136P
   GSM signal processing IC
1996 Oct 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com