Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM324S Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM324S
Description  Single Supply Quad Operational Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM324S Datasheet(HTML) 3 Page - ON Semiconductor

  LM324S Datasheet HTML 1Page - ON Semiconductor LM324S Datasheet HTML 2Page - ON Semiconductor LM324S Datasheet HTML 3Page - ON Semiconductor LM324S Datasheet HTML 4Page - ON Semiconductor LM324S Datasheet HTML 5Page - ON Semiconductor LM324S Datasheet HTML 6Page - ON Semiconductor LM324S Datasheet HTML 7Page - ON Semiconductor LM324S Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LM324S, LM2902S
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, VEE = GND, TA = 25°C, unless otherwise noted.)
Characteristics
Symbol
LM324S
LM2902S
Unit
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
VIO
mV
VCC = 5.0 V to 30 V, VICR = 0 V to VCC −1.7 V, VO = 1.4 V,
RS = 0 W
TA = 25°C
2.0
7.0
2.0
7.0
TA = Thigh (Note 4)
9.0
10
TA = Tlow (Note 4)
9.0
10
Average Temperature Coefficient of Input Offset Voltage
DVIO/DT
7.0
7.0
mV/°C
TA = Thigh to Tlow (Notes 4 and 6)
Input Offset Current
IIO
5.0
50
5.0
50
nA
TA = Thigh to Tlow (Note 4)
150
200
Average Temperature Coefficient of Input Offset Current
TA = Thigh to Tlow (Notes 4 and 6)
DIIO/DT
10
10
pA/
°C
Input Bias Current
IIB
−90
−250
−90
−250
nA
TA = Thigh to Tlow (Note 4)
−500
−500
Input Common Mode Voltage Range (Note 5)
VICR
V
VCC = 30 V
TA = +25°C
0
28.3
0
28.3
TA = Thigh to Tlow (Note 4)
0
28
0
28
Differential Input Voltage Range
VIDR
VCC
VCC
V
Large Signal Open Loop Voltage Gain
AVOL
V/mV
RL = 2.0 kW, VCC = 15 V, for Large VO Swing
25
100
25
100
TA = Thigh to Tlow (Note 4)
15
15
Channel Separation
10 kHz
≤ f ≤ 20 kHz, Input Referenced
CS
−120
−120
dB
Common Mode Rejection,
RS ≤ 10 kW
CMR
65
70
50
70
dB
Power Supply Rejection
PSR
65
100
50
100
dB
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. LM324S: Tlow = 0°C, Thigh = +70°C
LM2902S: Tlow = −40°C, Thigh = +105°C
5. The input common mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of
the common mode voltage range is VCC −1.7 V, but either or both inputs can go to +32 V without damage, independent of the magnitude
of VCC.
6. Guaranteed by design.


Similar Part No. - LM324S

ManufacturerPart #DatasheetDescription
logo
Rohm
LM324SR ROHM-LM324SR Datasheet
974Kb / 18P
   SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
More results

Similar Description - LM324S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324 ONSEMI-LM324_V01 Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
LM324 ONSEMI-LM324 Datasheet
129Kb / 12P
   Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
MC3403 ONSEMI-MC3403_06 Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
LM324DTBR2G ONSEMI-LM324DTBR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com