Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358S Datasheet(PDF) 5 Page - ON Semiconductor

Part # LM358S
Description  Single Supply Dual Operational Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM358S Datasheet(HTML) 5 Page - ON Semiconductor

  LM358S Datasheet HTML 1Page - ON Semiconductor LM358S Datasheet HTML 2Page - ON Semiconductor LM358S Datasheet HTML 3Page - ON Semiconductor LM358S Datasheet HTML 4Page - ON Semiconductor LM358S Datasheet HTML 5Page - ON Semiconductor LM358S Datasheet HTML 6Page - ON Semiconductor LM358S Datasheet HTML 7Page - ON Semiconductor LM358S Datasheet HTML 8Page - ON Semiconductor LM358S Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LM358S, LM2904S
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, VEE = GND, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
LM2904S
Unit
Min
Typ
Max
Input Offset Voltage
VCC = 5.0 V to 30 V, VIC = 0 V to VCC −1.7 V, VO ] 1.4 V, RS = 0 W
VIO
mV
TA = 25°C
2.0
7.0
TA = Thigh (Note 7)
10
TA = Tlow (Note 7)
10
Average Temperature Coefficient of Input Offset Voltage
TA = Thigh to Tlow (Note 7)
DVIO/DT
7.0
mV/°C
Input Offset Current
IIO
5.0
50
nA
TA = Thigh to Tlow (Note 7)
45
200
Input Bias Current
IIB
−45
−250
nA
TA = Thigh to Tlow (Note 7)
−50
−500
Average Temperature Coefficient of Input Offset Current
TA = Thigh to Tlow (Note 7)
DIIO/DT
10
pA/
°C
Input Common Mode Voltage Range (Note 8),
VCC = 30 V
VICR
0
28.3
V
VCC = 30 V, TA = Thigh to Tlow
0
28
Differential Input Voltage Range
VIDR
VCC
V
Large Signal Open Loop Voltage Gain
AVOL
V/mV
RL = 2.0 kW, VCC = 15 V, For Large VO Swing,
25
100
TA = Thigh to Tlow (Note 7)
15
Channel Separation
1.0 kHz
≤ f ≤ 20 kHz, Input Referenced
CS
−120
dB
Common Mode Rejection
RS ≤ 10 kW
CMR
50
70
dB
Power Supply Rejection
PSR
50
100
dB
Output Voltage−High Limit
VOH
V
VCC = 5.0 V, RL = 2.0 kW, TA = 25°C
3.3
3.5
VCC = 30 V, RL = 2.0 kW, TA = Thigh to Tlow (Note 7)
26
VCC = 30 V, RL = 10 kW, TA = Thigh to Tlow (Note 7)
27
28
Output Voltage−Low Limit
VCC = 5.0 V, RL = 10 kW, TA = Thigh to Tlow (Note 7)
VOL
5.0
20
mV
Output Source Current
VID = +1.0 V, VCC = 15 V
IO +
20
45
mA
Output Sink Current
IO −
VID = −1.0 V, VCC = 15 V
10
30
mA
VID = −1.0 V, VO = 200 mV
mA
Output Short Circuit to Ground (Note 9)
ISC
45
60
mA
Power Supply Current (Total Device)
TA = Thigh to Tlow (Note 7)
ICC
mA
VCC = 30 V, VO = 0 V, RL = ∞
0.5
3.0
VCC = 5 V, VO = 0 V, RL = ∞
0.3
1.2
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
7. LM358S: Tlow = 0°C, Thigh = +70°C
LM2904S: Tlow = −40°C, Thigh = +105°C
8. The input common mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of
the common mode voltage range is VCC − 1.7 V.
9. Short circuits from the output to VCC can cause excessive heating and eventual destruction. Destructive dissipation can result from
simultaneous shorts on all amplifiers.


Similar Part No. - LM358S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM358S STMICROELECTRONICS-LM358S Datasheet
286Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Diodes Incorporated
LM358S-13 DIODES-LM358S-13 Datasheet
255Kb / 14P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
TAITRON Components Inco...
LM358S8-XX-AR TAITRON-LM358S8-XX-AR Datasheet
536Kb / 11P
   Dual Operational Amplifier
LM358S8-XX-BL TAITRON-LM358S8-XX-BL Datasheet
536Kb / 11P
   Dual Operational Amplifier
LM358S8-XX-TR30 TAITRON-LM358S8-XX-TR30 Datasheet
536Kb / 11P
   Dual Operational Amplifier
More results

Similar Description - LM358S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
398Kb / 2P
   Single Supply Dual Operational Amplifiers
LM358 KEXIN-LM358 Datasheet
882Kb / 3P
   Single Supply Dual Operational Amplifiers
logo
Shenzhen Luguang Electr...
LM358 LUGUANG-LM358 Datasheet
167Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
LM258 KEXIN-LM258 Datasheet
73Kb / 2P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com