Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4695 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK4695
Description  24bit 4ch CODEC with MIC/HP/SPK/LINE-AMP
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4695 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK4695 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4695 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4695 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4695 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4695 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4695 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4695 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4695 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4695 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 107 page
background image
[AK4695]
MS1463-E-01
2014/12
- 8 -
RECOMMENDED OPERATING CONDITIONS
(VSS1=VSS2= VSS3= 0V; Note 2)
Parameter
Symbol
min
typ
max
Unit
Power Supplies
Analog
AVDD
2.7
2.8
3.5
V
(Note 7)
Digital & Headphone-Amp
DVDD
1.6
1.8
2.0
V
Digital I/O (Note 8)
TVDD
1.6 or
(DVDD-0.2)
2.8
3.5
V
SPK-Amp & Charge Pump
SVDD
2.7
2.8
3.5
V
18H
Note 2. All voltages are with respect to ground.
Note 7. The power-up sequence between AVDD, DVDD, TVDD and SVDD is not critical. The PDN pin must be “L” upon
power-up, and should be changed to “H” after all power supplies are supplied to avoid an internal circuit error.
Note 8. The minimum value is higher voltage between DVDD-0.2V and 1.6V.
*
When TVDD is powered ON and the PDN pin is “L”, AVDD, DVDD or SVDD can be powered
ON/OFF. The PDN pin must be set to
“H” after all power supplies are ON when the AK4695 is
powered-up from power-down state.
* AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AK4695

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4695ECB AKM-AK4695ECB Datasheet
3Mb / 107P
   24bit 4ch CODEC with MIC/HP/SPK/LINE-AMP
More results

Similar Description - AK4695

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4695ECB AKM-AK4695ECB Datasheet
3Mb / 107P
   24bit 4ch CODEC with MIC/HP/SPK/LINE-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953AEN AKM-AK4953AEN Datasheet
1Mb / 99P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951 AKM-AK4951 Datasheet
2Mb / 111P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953A AKM-AK4953A Datasheet
940Kb / 96P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC/SPK-AMP
AK4637 AKM-AK4637 Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC - SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com