Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK9231 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK9231
Description  Dual 12-Bit 1MSPS SAR A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK9231 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK9231 Datasheet HTML 1Page - Asahi Kasei Microsystems AK9231 Datasheet HTML 2Page - Asahi Kasei Microsystems AK9231 Datasheet HTML 3Page - Asahi Kasei Microsystems AK9231 Datasheet HTML 4Page - Asahi Kasei Microsystems AK9231 Datasheet HTML 5Page - Asahi Kasei Microsystems AK9231 Datasheet HTML 6Page - Asahi Kasei Microsystems AK9231 Datasheet HTML 7Page - Asahi Kasei Microsystems AK9231 Datasheet HTML 8Page - Asahi Kasei Microsystems AK9231 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
[AK9231]
014010771-E-00
2014/12
- 1 -
1.
General Description
The AK9231 is a 12-bit, 1MSPD, SAR A/D converter. It is housed in a space saving ultra-small package
(16-pin QFN).
2.
Features
Simultaneous Sampling 12-bit SAR A/D Converter
Sampling Rate: 1MSPS
Unipolar Input Range: 0 ~ VDD
S/(N+D): 71.25dB(Typ.) at 100kHz Input
INL: ±1.25 SB (Max.)
DNL: ±1.0 LSB(Max.)
Power Consumption: IDD=50mW (fs=1MSPS, VDD= 5V)
Power Supply: VDD=2.35 ~ 5.25V
Operational Temperature Range: Ta=-40 ~ 105ºC
Package: Ultra-small 16-pin QFN (3mm x 3mm) Package
SDO0
Serial I/F
&
Control
Logic
VSS
SCLK
AIN0
AIN1
SAR
ADC
CSN
SAR
ADC
SDO1
S/H
S/H
TEST2
TEST3
TEST1
VDD
TEST0
Figure 1. AK9231 Block Diagram
Dual 12-Bit 1MSPS SAR A/D Converter
AK9231


Similar Part No. - AK9231

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9232 AKM-AK9232 Datasheet
154Kb / 2P
   Dual 18/16/14-Bit 1.1MSPS ZDS A/D Converter
AK9233 AKM-AK9233 Datasheet
154Kb / 2P
   Dual 18/16/14-Bit 1.1MSPS ZDS A/D Converter
AK9234 AKM-AK9234 Datasheet
154Kb / 2P
   Dual 18/16/14-Bit 1.1MSPS ZDS A/D Converter
More results

Similar Description - AK9231

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
AS1545 AMSCO-AS1545_1 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Asahi Kasei Microsystem...
AK9240 AKM-AK9240 Datasheet
190Kb / 3P
   AFE with Dual 12-Bit 1MSPS SAR ADC
logo
Intersil Corporation
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com