Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP330MUTBG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP330MUTBG
Description  Soft-Start Controlled Load Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP330MUTBG Datasheet(HTML) 6 Page - ON Semiconductor

  NCP330MUTBG Datasheet HTML 1Page - ON Semiconductor NCP330MUTBG Datasheet HTML 2Page - ON Semiconductor NCP330MUTBG Datasheet HTML 3Page - ON Semiconductor NCP330MUTBG Datasheet HTML 4Page - ON Semiconductor NCP330MUTBG Datasheet HTML 5Page - ON Semiconductor NCP330MUTBG Datasheet HTML 6Page - ON Semiconductor NCP330MUTBG Datasheet HTML 7Page - ON Semiconductor NCP330MUTBG Datasheet HTML 8Page - ON Semiconductor NCP330MUTBG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NCP330
www.onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 9. RDS(on) vs. IOUT at 855C
Figure 10. Junction Temperature vs. IOUT
IOUT, OUTPUT CURRENT (A)
3.0
2.5
2.0
1.5
1.0
0.5
0
0
10
20
30
50
60
80
90
Figure 11. Logic Threshold vs. VIN
Figure 12. TON Time on 75 mA Load
VIN, INPUT VOLTAGE (V)
6
5
4
3
2
1
0
0.94
0.95
0.96
0.97
0.98
0.99
1.01
1.02
Figure 13. TOFF Time on 75 mA Load
Figure 14. TON Time on 800 mA Load
IOUT, OUTPUT CURRENT (A)
3.0
2.0
0.5
0
20
25
30
35
40
45
50
1.0
1.5
2.5
3.5
40
70
VIN = 5.5 V
VIN = 5.0 V
VIN = 3.0 V
1.00
VIH vs. VIN
VIL vs. VIN


Similar Part No. - NCP330MUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP330MUTBG ONSEMI-NCP330MUTBG Datasheet
249Kb / 9P
   Soft-Start Controlled Load Switch
June, 2012 ??Rev. 1
More results

Similar Description - NCP330MUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP330MUTBG ONSEMI-NCP330MUTBG Datasheet
249Kb / 9P
   Soft-Start Controlled Load Switch
June, 2012 ??Rev. 1
NCP340MUTBG ONSEMI-NCP340MUTBG Datasheet
245Kb / 9P
   Soft-Start Controlled Load Switch
June, 2013 ??Rev. 0
NCP331 ONSEMI-NCP331 Datasheet
119Kb / 8P
   Soft-Start Controlled Load Switch with Auto Discharge
November, 2013 ??Rev. 1
logo
Anpec Electronics Corop...
APL3538 ANPEC-APL3538 Datasheet
184Kb / 16P
   Ultra-LowOn-Resistance, 6A Dual Load Switch with Soft Start
APL3526 ANPEC-APL3526 Datasheet
208Kb / 14P
   Ultra-Low On-Resistance, 6A Load Switch with Soft Start
APL3533 ANPEC-APL3533 Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3523A ANPEC-APL3523A Datasheet
609Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3523 ANPEC-APL3523 Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
logo
Rohm
BD2068FJ-M ROHM-BD2068FJ-M Datasheet
1Mb / 25P
   Soft-Start Circuit
logo
Festo Corporation.
529521 FESTO-529521 Datasheet
85Kb / 2P
   Soft start valve
3/31/22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com