Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81074ADR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP81074ADR2G
Description  High Speed Low-Side MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81074ADR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP81074ADR2G Datasheet HTML 1Page - ON Semiconductor NCP81074ADR2G Datasheet HTML 2Page - ON Semiconductor NCP81074ADR2G Datasheet HTML 3Page - ON Semiconductor NCP81074ADR2G Datasheet HTML 4Page - ON Semiconductor NCP81074ADR2G Datasheet HTML 5Page - ON Semiconductor NCP81074ADR2G Datasheet HTML 6Page - ON Semiconductor NCP81074ADR2G Datasheet HTML 7Page - ON Semiconductor NCP81074ADR2G Datasheet HTML 8Page - ON Semiconductor NCP81074ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NCP81074A, NCP81074B
www.onsemi.com
4
RECOMMENDED OPERATING CONDITIONS
Parameter
Rating
Unit
VDD supply Voltage
4.5 to 20
V
IN+, IN− input voltages
−5 to 20
V
Junction Temperature Range
−40 to +140
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
Table 1. THERMAL INFORMATION
Package
Theta JA (
5C/W)
Theta JC (
5C/W)
DFN−8 2x2
80.3
11.9
SOIC−8
115
50
Table 2. ELECTRICAL CHARACTERISTICS (Note 1) (Typical values: VDD =12V, 1uF from VDD to GND,TA = TJ =
−40
5C to 1405C, typical at TAMB = 255C, unless otherwise specified)
Parameter
SYMBOL
Test Conditions
MIN
TYP
MAX
Unit
SUPPLY VOLTAGE
VDD Under Voltage Lockout (rising)
VCCR
VDD rising
3.7
3.9
4.1
V
VDD Under Voltage Lockout (Falling)
VCCF
VDD falling
3.4
3.6
3.8
V
VDD Under Voltage Lockout (hysteresis)
VCCH
300
mV
Operating Current (no switching)
IDD
1.2
2
mA
VDD Under Voltage Lockout to Output
Delay (Note 1)
VDD rising
10
ms
INPUTS
NCP81074A High Threshold
VthH
Input rising from logic low
1.9
2.1
2.3
V
NCP81074A Low Threshold
VthL
Input falling from logic high
1.1
1.3
1.5
V
VIN_HYS
Input Signal
Hysteresis
0.8
V
NCP81074B High Threshold
VthH
Input rising from logic low
(VDD = 8 V to 12 V)
VDD
−3.5
VDD
−3.1
VDD
−2.7
V
NCP81074B Low Threshold
VthL
Input falling from logic high
(VDD = 8 V to 12 V)
GND
+2.6
GND
+2.9
GND
+3.2
V
IN− Pull−up Resistor
Rin−
200
k
W
IN+ Pull−Down Resistor
Rin+
200
k
W
OUTPUTS
Output Resistance High
ROH
IOUT = −10 mA
0.4
0.8
W
Output Resistance Low
ROL
IOUT = +10 mA
0.4
0.8
W
Peak Source Current(2)
ISource
OUT = GND
200 ns Pulse
10
A
Miller Plateau Source Current(2)
ISource
OUT = 5.0 V
200 ns Pulse
7
A
Peak Sink Current(2)
ISink
OUT = VDD
200 ns Pulse
10
A
Miller Plateau Sink Current(2)
ISink
OUT = 5.0 V
200 ns Pulse
7
A


Similar Part No. - NCP81074ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81071 ONSEMI-NCP81071 Datasheet
247Kb / 14P
   Dual 5 A High Speed Low-Side MOSFET Drivers
December, 2015 ??Rev. 2
NCP81071ADR2G ONSEMI-NCP81071ADR2G Datasheet
247Kb / 14P
   Dual 5 A High Speed Low-Side MOSFET Drivers
December, 2015 ??Rev. 2
NCP81071ADR2G ONSEMI-NCP81071ADR2G Datasheet
247Kb / 14P
   Dual 5 A High Speed Low-Side MOSFET Drivers
April, 2016 ??Rev. 3
NCP81071AMNTXG ONSEMI-NCP81071AMNTXG Datasheet
247Kb / 14P
   Dual 5 A High Speed Low-Side MOSFET Drivers
December, 2015 ??Rev. 2
NCP81071AMNTXG ONSEMI-NCP81071AMNTXG Datasheet
247Kb / 14P
   Dual 5 A High Speed Low-Side MOSFET Drivers
April, 2016 ??Rev. 3
More results

Similar Description - NCP81074ADR2G

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
SC1302A SEMTECH-SC1302A_09 Datasheet
352Kb / 13P
   Dual High Speed Low-Side MOSFET Driver
SC1302A SEMTECH-SC1302A_08 Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
logo
Micrel Semiconductor
MIC5031 MICREL-MIC5031 Datasheet
88Kb / 8P
   High-Speed High-Side MOSFET Driver
MIC5021 MICREL-MIC5021 Datasheet
132Kb / 9P
   High-Speed High-Side MOSFET Driver
MIC5021 MICREL-MIC5021_05 Datasheet
207Kb / 10P
   High-Speed High-Side MOSFET Driver
logo
ON Semiconductor
NCV51705 ONSEMI-NCV51705 Datasheet
392Kb / 19P
   Single 6 A High-Speed, Low-Side SiC MOSFET Driver
April, 2019 ??Rev. 1
NCP51705 ONSEMI-NCP51705_V01 Datasheet
465Kb / 23P
   Single 6 A High-Speed, Low-Side SiC MOSFET Driver
June, 2022 - Rev. 6
logo
Semtech Corporation
SC1301A SEMTECH-SC1301A Datasheet
159Kb / 9P
   2A High Speed Low-Side MOSFET Driver in SOT-23
logo
ON Semiconductor
NCV51705 ONSEMI-NCV51705_V01 Datasheet
450Kb / 21P
   Single 6 A High-Speed, Low-Side SiC MOSFET Driver
June, 2022 - Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com