Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81250MNTXG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP81250MNTXG
Description  Single-Phase Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81250MNTXG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP81250MNTXG Datasheet HTML 1Page - ON Semiconductor NCP81250MNTXG Datasheet HTML 2Page - ON Semiconductor NCP81250MNTXG Datasheet HTML 3Page - ON Semiconductor NCP81250MNTXG Datasheet HTML 4Page - ON Semiconductor NCP81250MNTXG Datasheet HTML 5Page - ON Semiconductor NCP81250MNTXG Datasheet HTML 6Page - ON Semiconductor NCP81250MNTXG Datasheet HTML 7Page - ON Semiconductor NCP81250MNTXG Datasheet HTML 8Page - ON Semiconductor NCP81250MNTXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2015
September, 2015 − Rev. 1
1
Publication Order Number:
NCP81250/D
NCP81250
Single-Phase Voltage
Regulator with SVID
Interface for Computing
Applications
High Switching Frequency, High
Efficiency, Integrated Power MOSFETs
The NCP81250, a single−phase synchronous buck regulator,
integrates power MOSFETs to provide a high−efficiency and
compact−footprint power management solution for new generation
computing CPUs. The device is able to deliver up to 14 A TDC output
current on an adjustable output with SVID interface. Operating in high
switching frequency up to 1.2 MHz allows employing small size
inductors and capacitors while maintaining high efficiency due to
integrated solution with high performance power MOSFETs.
Current−mode RPM control with feedforward from both input power
supply and output voltage ensures stable operation over wide
operation condition. The NCP81250 is in a QFN48 6 x 6 mm package.
Features
Meets Intel® Server Specifications
5 V to 20 V Input Voltage Range
0.9 V/1.35 V Fixed Boot Voltage
Adjustable Output Voltage with SVID Interface
Integrated Gate Driver and Power MOSFETs
Up to 14 A TDC Output Current
500 kHz ~ 1.2 MHz Switching Frequency
Current−Mode RPM Control
Programmable SVID Address and ICCMax
Programmable DVID Feed−Forward to Support Fast DVID
Feedforward Operation for Input Supply Voltage and Output Voltage
Output Over−Voltage and Under−Voltage Protections
External Current Limitation Programming with Inductor Current
Sense
QFN48, 6 x 6 mm, 0.4 mm Pitch Package
This is a Pb−Free Device
Typical Applications
Server Applications
Device
Package
Shipping
ORDERING INFORMATION
NCP81250MNTXG
QFN48
(Pb−Free)
2500 / Tape &
Reel
QFN48
CASE 485CJ
MARKING
DIAGRAM
www.onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
48
1
NCP81250
AWLYYWWG
1
NCP81250 = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package


Similar Part No. - NCP81250MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81251 ONSEMI-NCP81251 Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251MNTXG ONSEMI-NCP81251MNTXG Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81252 ONSEMI-NCP81252 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81252MNTXG ONSEMI-NCP81252MNTXG Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81253 ONSEMI-NCP81253 Datasheet
91Kb / 10P
   5 V MOSFET Driver Compatible
December, 2014 ??Rev. 0
More results

Similar Description - NCP81250MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81252 ONSEMI-NCP81252 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81242 ONSEMI-NCP81242 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251 ONSEMI-NCP81251 Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP3284 ONSEMI-NCP3284 Datasheet
383Kb / 13P
   Single-Phase Voltage Regulator
February, 2021 ??Rev. 7
NCP81561 ONSEMI-NCP81561 Datasheet
239Kb / 12P
   Single-Phase Voltage Regulator for Computing Applications
May, 2022 - Rev. 0
logo
Littelfuse
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
   Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
   Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
logo
ON Semiconductor
NCP81568 ONSEMI-NCP81568 Datasheet
257Kb / 17P
   Single‐Phase Voltage Regulator with SVID Interface for Computing Applications
July, 2023 - Rev. 0
NCP81149 ONSEMI-NCP81149 Datasheet
389Kb / 18P
   Single-Phase Voltage Regulator with SVID Interface for Computing Applications
September, 2015 - Rev. 3
logo
STMicroelectronics
PM6652 STMICROELECTRONICS-PM6652 Datasheet
1Mb / 53P
   Single-phase controller for Intel MVP 6.5 render voltage regulator,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com