Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-03-LR2-IDFM Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SP-03-LR2-IDFM
Description  1310nm FP laser and PIN photodetector for 40km transmission
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-03-LR2-IDFM Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SP-03-LR2-IDFM Datasheet HTML 1Page - Source Photonics, Inc. SP-03-LR2-IDFM Datasheet HTML 2Page - Source Photonics, Inc. SP-03-LR2-IDFM Datasheet HTML 3Page - Source Photonics, Inc. SP-03-LR2-IDFM Datasheet HTML 4Page - Source Photonics, Inc. SP-03-LR2-IDFM Datasheet HTML 5Page - Source Photonics, Inc. SP-03-LR2-IDFM Datasheet HTML 6Page - Source Photonics, Inc. SP-03-LR2-IDFM Datasheet HTML 7Page - Source Photonics, Inc. SP-03-LR2-IDFM Datasheet HTML 8Page - Source Photonics, Inc. SP-03-LR2-IDFM Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SP-03-LR1/LR2-xDFM
DS-5585 Rev 042013-12-20
Features
Date rate 155Mbps
1310nm FP laser and PIN photodetector for
40km transmission
1550nm
uncooled
DFB
laser
and
PIN
photodetector for 80km transmission
Digital diagnostic monitor interface compliant with
SFF-8472
SFP MSA package with duplex LC connector
+3.3V single power supply
Power consumption less than 1W
Operating case temperature
Standard temp:-5~+70°C
Industrial temp:-40~+85°C
RoHS compliant
Regulatory Compliance
Table 1 - Regulatory Compliance
Feature
Standard
Performance
Electrostatic Discharge
(ESD) to the Electrical Pins
MIL-STD-883E
Method 3015.7
Class 1
Electrostatic Discharge (ESD) to the
Duplex LC Receptacle
IEC 61000-4-2
Compliant with standard
Electromagnetic
Interference (EMI)
FCC Part 15 Class B
Compliant with standard
Laser Eye Safety
FDA
21CFR
1040.10
and
1040.11
EN (IEC) 60825-1,2
Compliant with Class I laser product.
RoHS
2011/65/EU
Compliant with RoHS
Absolute Maximum Ratings
Table 2 - Absolute Maximum Ratings
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Storage Temperature
TS
-40
-
+85
°C
Supply Voltage
VCC
-0.5
-
+3.6
V
Operating Relative Humidity
RH
+5
-
+95
%


Similar Part No. - SP-03-LR2-IDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-03-LR2-CDA SOURCE-SP-03-LR2-CDA Datasheet
474Kb / 7P
   155 Mbps SFP Transceiver (LR2)
SP-03-LR2-CDC SOURCE-SP-03-LR2-CDC Datasheet
474Kb / 7P
   155 Mbps SFP Transceiver (LR2)
SP-03-LR2-CNA SOURCE-SP-03-LR2-CNA Datasheet
474Kb / 7P
   155 Mbps SFP Transceiver (LR2)
SP-03-LR2-CNC SOURCE-SP-03-LR2-CNC Datasheet
474Kb / 7P
   155 Mbps SFP Transceiver (LR2)
SP-03-LR2-RDA SOURCE-SP-03-LR2-RDA Datasheet
474Kb / 7P
   155 Mbps SFP Transceiver (LR2)
More results

Similar Description - SP-03-LR2-IDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-03-IR1-CDFN SOURCE-SP-03-IR1-CDFN Datasheet
293Kb / 9P
   1310nm FP laser and PIN photodetector for 15km transmission
logo
Mitsubishi Electric Sem...
ML7XX45 MITSUBISHI-ML7XX45 Datasheet
199Kb / 3P
   1310nm InGaAsP FP LASER DIODES
logo
Finisar Corporation.
FP-1310-10LRM-SCA FINISAR-FP-1310-10LRM-SCA Datasheet
360Kb / 8P
   1310nm SC TOSA with FP laser
logo
Mitsubishi Electric Sem...
ML7XX19 MITSUBISHI-ML7XX19 Datasheet
200Kb / 4P
   MITSUBISHI LASER DIODES 1310nm InGaAsP FP LASER DIODES
logo
Source Photonics, Inc.
SPP-10E-LR-EDFF SOURCE-SPP-10E-LR-EDFF Datasheet
445Kb / 7P
   1310nm DFB laser and PIN receiver
logo
NXP Semiconductors
TDA1300T PHILIPS-TDA1300T Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
logo
Finisar Corporation.
FP-1310-4I-LCB FINISAR-FP-1310-4I-LCB Datasheet
557Kb / 7P
   1310nm FABRY-PEROT (FP) LASER DIODE, LC TOSA
logo
KODENSHI_AUK CORP.
KLF-311C-30 KODENSHI-KLF-311C-30 Datasheet
66Kb / 1P
   1310nm FP-LD chip
logo
Source Photonics, Inc.
SPL-34-GB-BD-XDFM SOURCE-SPL-34-GB-BD-XDFM Datasheet
281Kb / 10P
   Up to 40km transmission on SMF
SPL-35-GB-BD-XDFM SOURCE-SPL-35-GB-BD-XDFM Datasheet
263Kb / 10P
   Up to 40km point-point transmission
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com