Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-GB-LX-XDFN Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SP-GB-LX-XDFN
Description  Dual data-rate 1.25Gbps/1.0625Gbps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-GB-LX-XDFN Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SP-GB-LX-XDFN Datasheet HTML 1Page - Source Photonics, Inc. SP-GB-LX-XDFN Datasheet HTML 2Page - Source Photonics, Inc. SP-GB-LX-XDFN Datasheet HTML 3Page - Source Photonics, Inc. SP-GB-LX-XDFN Datasheet HTML 4Page - Source Photonics, Inc. SP-GB-LX-XDFN Datasheet HTML 5Page - Source Photonics, Inc. SP-GB-LX-XDFN Datasheet HTML 6Page - Source Photonics, Inc. SP-GB-LX-XDFN Datasheet HTML 7Page - Source Photonics, Inc. SP-GB-LX-XDFN Datasheet HTML 8Page - Source Photonics, Inc. SP-GB-LX-XDFN Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SP-GB-LX-xDFN
DS-6719 Rev 01 2012-3-30
Deterministic
Jitter
1.25G
DJ
0.462
UI
3
1.0625G
0.36
Notes:
1. The optical power is launched into SMF.
2. Unfiltered, measured with a PRBS 2
7-1 test pattern @1.25Gbps
3. Meet the specified maximum output jitter requirements if the specified maximum input jitter is present.
4. Measured with a PRBS 2
7-1 test pattern @1.25Gbps/1.0625Gbps.
5. Measured with a PRBS 2
7-1 test pattern @1.25Gbps, worst-case extinction ratio, BER ≤1×10-12.
Electrical Characteristics
Table 5 – Electrical Characteristics
Transmitter
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Data Input Swing Differential
VIN
500
2400
mV
1
Input Differential Impedance
ZIN
90
100
110
Tx_DIS Disable
VD
2.0
VCC
V
Tx_DIS Enable
VEN
GND
GND+0.8
V
TX_ Fault (Fault)
2.0
Vcc+0.3
V
TX_ Fault (Normal)
0
0.8
V
Receiver
Data Output Swing Differential
VOUT
370
2000
mV
1
Rx_LOS Fault
VLOS-Fault
2.0
Vcc+0.3
V
Rx_LOS Normal
VLOS-Normal
GND
GND+0.8
V
Notes:
1. Internally AC coupled
Recommended Host Board Power Supply Circuit
Figure 1, Recommended Host Board Power Supply Circuit


Similar Part No. - SP-GB-LX-XDFN

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-GB-LX-CDA SOURCE-SP-GB-LX-CDA Datasheet
506Kb / 7P
   10Km Gigabit Ethernet SFP Transceiver
SP-GB-LX-CNA SOURCE-SP-GB-LX-CNA Datasheet
506Kb / 7P
   10Km Gigabit Ethernet SFP Transceiver
SP-GB-LX-RDA SOURCE-SP-GB-LX-RDA Datasheet
506Kb / 7P
   10Km Gigabit Ethernet SFP Transceiver
SP-GB-LX-RNA SOURCE-SP-GB-LX-RNA Datasheet
506Kb / 7P
   10Km Gigabit Ethernet SFP Transceiver
SP-GB-LX-TDA SOURCE-SP-GB-LX-TDA Datasheet
506Kb / 7P
   10Km Gigabit Ethernet SFP Transceiver
More results

Similar Description - SP-GB-LX-XDFN

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-35-GB-BX-IDFM SOURCE-SPL-35-GB-BX-IDFM Datasheet
291Kb / 10P
   1.25Gbps bi-directional data links
logo
GSI Technology
GS81302Q07GE-318I GSI-GS81302Q07GE-318I Datasheet
487Kb / 28P
   Dual Double Data Rate interface
GS8662DT20BD-500 GSI-GS8662DT20BD-500 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS8662D38BGD-350 GSI-GS8662D38BGD-350 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS81302D38AGD-500I GSI-GS81302D38AGD-500I Datasheet
446Kb / 26P
   Dual Double Data Rate interface
GS8342DT06BD-550I GSI-GS8342DT06BD-550I Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8342DT20BGD-550 GSI-GS8342DT20BGD-550 Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8672D19BGE-333 GSI-GS8672D19BGE-333 Datasheet
483Kb / 28P
   Dual Double Data Rate interface
GS81302DT06E-350I GSI-GS81302DT06E-350I Datasheet
515Kb / 31P
   Dual Double Data Rate interface
GS81302DT19E-450 GSI-GS81302DT19E-450 Datasheet
513Kb / 30P
   Dual Double Data Rate interface
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com