Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPG-FE-FX-CDFC Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # SPG-FE-FX-CDFC
Description  Built-in PHY supporting SGMII Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPG-FE-FX-CDFC Datasheet(HTML) 7 Page - Source Photonics, Inc.

Back Button SPG-FE-FX-CDFC Datasheet HTML 2Page - Source Photonics, Inc. SPG-FE-FX-CDFC Datasheet HTML 3Page - Source Photonics, Inc. SPG-FE-FX-CDFC Datasheet HTML 4Page - Source Photonics, Inc. SPG-FE-FX-CDFC Datasheet HTML 5Page - Source Photonics, Inc. SPG-FE-FX-CDFC Datasheet HTML 6Page - Source Photonics, Inc. SPG-FE-FX-CDFC Datasheet HTML 7Page - Source Photonics, Inc. SPG-FE-FX-CDFC Datasheet HTML 8Page - Source Photonics, Inc. SPG-FE-FX-CDFC Datasheet HTML 9Page - Source Photonics, Inc. SPG-FE-FX-CDFC Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DS-7315 Rev 04 2013-11-21
SPG-FE-FX-IDFC
SPG-FE-FX-CDFC
Recommended Software configuration
How to configure auto-negotiation, loopback, work speed
The module can support auto-negotiation, loopback configuration.
Please refer the following steps to configure:
Step 1: Access the module at 0xA2 via two-wire serial interface.
Step 2: Configure 0x6Dh/6Eh (Byte 109~110) as below table. Addr.109 default is “5Fh”. Addr.110 default is
“00h”.
Addr. 109
Function
“1”
“0”
Default Value
(BIN)
bit7
FEFI Status
FEFI condition detected
FEFI
condition
not
detected
‘0’
bit6
Fiber
Auto-Negotiation
Disable
Enable
‘1’
Bit5
MAC
Auto-Negotiation
Disable
Enable
‘0’
bit4
FEFI function
Disable
Enable
‘1’
bit3
CRC checker
Disable/Reset
Enable
‘1’
bit2
Fiber loop back
Disable
Enable
‘1’
bit1
MAC loop back
Disable
Enable
‘1’
bit0
Reserved
Reserved
Reserved
‘1’
Addr. 110
Function
“1”
“0”
Default Value
(BIN)
bit7
TX Disable State
TX-Disable
TX-Enable
‘0’
bit6
TX-Disable
TX-Disable
TX-Enable
‘0’
Bit5~Bit4
Reserved
Reserved
Reserved
‘0’
Bit3
Work speed mode
1000Base
100Base
‘0’
Bit2
TX fault output
status
TX fault indication
No fault
‘0’
Bit1
LOS pin output
status
LOS asserted
(Link down)
LOS de-asserted
(Link up)
‘0’
Bit0
Data Ready status
Not ready
Ready
‘0’
Notes: “1” is invalid for Bit 3 in address 110(work speed is only 100Base).
Monitoring Specification
The digital diagnostic monitoring interface also defines another 256-byte memory map in EEPROM,
which makes use of the 8 bit address 1010001X (A2h). Please see Figure 4. For detail EEPROM
information, please refer to the related document of SFF-8472 Rev 9.5. The monitoring specification of
this product is described in Table 8.


Similar Part No. - SPG-FE-FX-CDFC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPG-FE-LX-CDFC SOURCE-SPG-FE-LX-CDFC Datasheet
253Kb / 10P
   Built-in PHY supporting SGMII Interface
SPG-FE-LX-IDFC SOURCE-SPG-FE-LX-IDFC Datasheet
253Kb / 10P
   Built-in PHY supporting SGMII Interface
More results

Similar Description - SPG-FE-FX-CDFC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPG-FE-LX-IDFC SOURCE-SPG-FE-LX-IDFC Datasheet
253Kb / 10P
   Built-in PHY supporting SGMII Interface
SPG-DR-LX-XDFC SOURCE-SPG-DR-LX-XDFC Datasheet
250Kb / 10P
   Built-in PHY supporting SGMII Interface
SPG-DR-LH-CDFC SOURCE-SPG-DR-LH-CDFC Datasheet
250Kb / 10P
   Built-in PHY supporting SGMII Interface
SPG-DR-FX-XDFC SOURCE-SPG-DR-FX-XDFC Datasheet
250Kb / 10P
   Built-in PHY supporting SGMII Interface
logo
Broadcom Corporation.
BCM53134 BOARDCOM-BCM53134 Datasheet
3Mb / 2P
   1G/2.5 Gbps SGMII interface
logo
Vitesse Semiconductor C...
VSC8234 VITESSE-VSC8234 Datasheet
432Kb / 2P
   10/100/1000BASE-T PHY with SGMII and SerDes MAC Interfaces
logo
Rohm
BD8255MUV-M ROHM-BD8255MUV-M Datasheet
1Mb / 46P
   Built-in Serial Peripheral Interface
BD8256EFV-M ROHM-BD8256EFV-M Datasheet
1Mb / 50P
   Built-in Serial Peripheral Interface
logo
Maxim Integrated Produc...
DS33X11DK MAXIM-DS33X11DK Datasheet
665Kb / 39P
   Includes Ethernet PHY Supporting 10/100 and Gigabit Modes
Rev: 030508
logo
List of Unclassifed Man...
ATCA-8202 ETC2-ATCA-8202 Datasheet
462Kb / 2P
   Built-in Layer 2 Base Interface switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com