Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL-34-GB-BD-XDFM Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # SPL-34-GB-BD-XDFM
Description  Up to 40km transmission on SMF
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-34-GB-BD-XDFM Datasheet(HTML) 4 Page - Source Photonics, Inc.

  SPL-34-GB-BD-XDFM Datasheet HTML 1Page - Source Photonics, Inc. SPL-34-GB-BD-XDFM Datasheet HTML 2Page - Source Photonics, Inc. SPL-34-GB-BD-XDFM Datasheet HTML 3Page - Source Photonics, Inc. SPL-34-GB-BD-XDFM Datasheet HTML 4Page - Source Photonics, Inc. SPL-34-GB-BD-XDFM Datasheet HTML 5Page - Source Photonics, Inc. SPL-34-GB-BD-XDFM Datasheet HTML 6Page - Source Photonics, Inc. SPL-34-GB-BD-XDFM Datasheet HTML 7Page - Source Photonics, Inc. SPL-34-GB-BD-XDFM Datasheet HTML 8Page - Source Photonics, Inc. SPL-34-GB-BD-XDFM Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SPL-34-GB-BD-xDFM
SPL-43-GB-BD-xDFM
DS-6660 Rev 02 2013-8-26
Data Output Swing Differential
VOUT
400
1600
mV
1
Rx_LOS Fault
VLOS-Fault
2.0
Vcc+0.3
V
Rx_LOS Normal
VLOS-Normal
GND
GND+0.8
V
Notes:
1. Internally AC coupled
Recommended Host Board Power Supply Circuit
Figure 1, Recommended Host Board Power Supply Circuit
Recommended Interface Circuit
SFP Module
Laser
driver
Amplifier
EEPROM
MOD-DEF2
MOD-DEF1
MOD-DEF0
LOS
RD -
RD +
TD +
TD -
VccT
TX Fault
TX Disable
Z=50
Z=50
Z=50
Z=50
3×4.7K to 10K
10K
RGND
Host Board
SerDat Out +
SerDat Out -
SerDat In -
SerDat In +
Vcc (+3.3V)
SERDES
IC
Protocol
IC
2×4.7K to 10K
Vcc (+3.3V)
Figure 2, Recommended Interface Circuit


Similar Part No. - SPL-34-GB-BD-XDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-34-GB-BD-CDA SOURCE-SPL-34-GB-BD-CDA Datasheet
527Kb / 7P
   SFP Bi-Directional Transceiver
SPL-34-GB-BD-CNA SOURCE-SPL-34-GB-BD-CNA Datasheet
527Kb / 7P
   SFP Bi-Directional Transceiver
SPL-34-GB-BD-TDA SOURCE-SPL-34-GB-BD-TDA Datasheet
527Kb / 7P
   SFP Bi-Directional Transceiver
SPL-34-GB-BD-TNA SOURCE-SPL-34-GB-BD-TNA Datasheet
527Kb / 7P
   SFP Bi-Directional Transceiver
More results

Similar Description - SPL-34-GB-BD-XDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-03-ELR-XXCDFM SOURCE-SPC-03-ELR-XXCDFM Datasheet
246Kb / 9P
   Up to 100km transmission on SMF
SPC-03-LR-XXCDFM SOURCE-SPC-03-LR-XXCDFM Datasheet
268Kb / 9P
   Up to 80km transmission on SMF
SPP-10E-LR-EDFP SOURCE-SPP-10E-LR-EDFP Datasheet
443Kb / 7P
   Up to 1.4km transmission on SMF
SPL-35-GB-BD-XDFM SOURCE-SPL-35-GB-BD-XDFM Datasheet
263Kb / 10P
   Up to 40km point-point transmission
SPL-45-MR-IR2-IDFM SOURCE-SPL-45-MR-IR2-IDFM Datasheet
279Kb / 10P
   Up to 40km point-point transmission
SPL-35-03-EBX-IDFM SOURCE-SPL-35-03-EBX-IDFM Datasheet
284Kb / 9P
   Up to 20km point-point transmission on SMF
SPL-35-03-EBX-CDFM SOURCE-SPL-35-03-EBX-CDFM Datasheet
284Kb / 9P
   Up to 20km point-point transmission on SMF
logo
Level One
SFP-6141 LVL1-SFP-6141 Datasheet
1Mb / 4P
   10Gbps SMF SFP-Plus Transceiver 40km
SFP-4240 LVL1-SFP-4240 Datasheet
104Kb / 1P
   1.25G SMF SFP Transceiver (40km, 1310nm, -40 to 85C)
FVT-2401 LVL1-FVT-2401 Datasheet
644Kb / 4P
   10/100BASE-TX to 100BASE-FX SMF SC Converter, 40km
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com