Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL-43-MR-IR1-xDFQ Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # SPL-43-MR-IR1-xDFQ
Description  614.4M - 2.5Gb/s bi-directional data links
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-43-MR-IR1-xDFQ Datasheet(HTML) 5 Page - Source Photonics, Inc.

  SPL-43-MR-IR1-xDFQ Datasheet HTML 1Page - Source Photonics, Inc. SPL-43-MR-IR1-xDFQ Datasheet HTML 2Page - Source Photonics, Inc. SPL-43-MR-IR1-xDFQ Datasheet HTML 3Page - Source Photonics, Inc. SPL-43-MR-IR1-xDFQ Datasheet HTML 4Page - Source Photonics, Inc. SPL-43-MR-IR1-xDFQ Datasheet HTML 5Page - Source Photonics, Inc. SPL-43-MR-IR1-xDFQ Datasheet HTML 6Page - Source Photonics, Inc. SPL-43-MR-IR1-xDFQ Datasheet HTML 7Page - Source Photonics, Inc. SPL-43-MR-IR1-xDFQ Datasheet HTML 8Page - Source Photonics, Inc. SPL-43-MR-IR1-xDFQ Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SPL-34-MR-IR1-xDFQ
SPL-43-MR-IR1-xDFQ
DS-7486 Rev 00 2013-7-10
Pin 1 0
Pin 1
Pin 1 1
Pin 2 0
BO TT O M VIEW
OF B O A R D
OF B O A R D
T O P VIEW
Figure 3, Pin View
Table 7 - Pin Function Definitions
Pin No.
Name
Function
Plug Seq.
Notes
1
VeeT
Transmitter Ground
1
2
TX Fault
Transmitter Fault Indication
3
Note 1
3
TX Disable
Transmitter Disable
3
Note 2
4
MOD-DEF2
Module Definition 2
3
Note 3
5
MOD-DEF1
Module Definition 1
3
Note 3
6
MOD-DEF0
Module Definition 0
3
Note 3
7
Rate Select
Not Connected
3
8
LOS
Loss of Signal
3
Note 4
9
VeeR
Receiver Ground
1
10
VeeR
Receiver Ground
1
11
VeeR
Receiver Ground
1
12
RD-
Inv. Received Data Out
3
Note 5
13
RD+
Received Data Out
3
Note 5
14
VeeR
Receiver Ground
1
15
VccR
Receiver Power
2
16
VccT
Transmitter Power
2
17
VeeT
Transmitter Ground
1
18
TD+
Transmit Data In
3
Note 6
19
TD-
Inv. Transmit Data In
3
Note 6
20
VeeT
Transmitter Ground
1
Notes:
1. TX Fault is an open collector output, which should be pulled up with a 4.7k~10k
Ω resistor on the host board to
a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates a laser fault of
some kind. In the low state, the output will be pulled to less than 0.8V.
2. TX Disable is an input that is used to shut down the transmitter optical output. It is pulled up within the module


Similar Part No. - SPL-43-MR-IR1-xDFQ

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-43-MR-IR2-IDFM SOURCE-SPL-43-MR-IR2-IDFM Datasheet
278Kb / 10P
   155M - 2.67Gb/s bi-directional data links
More results

Similar Description - SPL-43-MR-IR1-xDFQ

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-35-MR-IR1-XDFQ SOURCE-SPL-35-MR-IR1-XDFQ Datasheet
269Kb / 10P
   614.4M-2.5Gb/s bi-directional data links
SPL-34-MR-IR2-IDFM SOURCE-SPL-34-MR-IR2-IDFM Datasheet
278Kb / 10P
   155M - 2.67Gb/s bi-directional data links
SPL-34-GB-BX-CDFM SOURCE-SPL-34-GB-BX-CDFM Datasheet
320Kb / 10P
   1.25Gbps bi-directional data links
SPL-35-GB-BX-IDFM SOURCE-SPL-35-GB-BX-IDFM Datasheet
291Kb / 10P
   1.25Gbps bi-directional data links
SP-GB-ZX-CDFC SOURCE-SP-GB-ZX-CDFC Datasheet
231Kb / 9P
   1.25Gbps bi-directional data links
logo
Elite Semiconductor Mem...
M53S128324A-2E ESMT-M53S128324A-2E Datasheet
1Mb / 47P
   Bi-directional data strobe (DQS)
M53D2561616A-2F ESMT-M53D2561616A-2F Datasheet
709Kb / 47P
   Bi-directional data strobe (DQS)
logo
Leshan Radio Company
LR24C32 LRC-LR24C32 Datasheet
538Kb / 13P
   Bi-directional Data Transfer Protocol
LR24C128 LRC-LR24C128 Datasheet
607Kb / 14P
   Bi-directional Data Transfer Protocol
logo
Elite Semiconductor Mem...
M53D128324A-2E ESMT-M53D128324A-2E Datasheet
735Kb / 47P
   Bi-directional data strobe (DQS)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com