Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL-53-GB-BX-CDFM Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SPL-53-GB-BX-CDFM
Description  Up to 10km point-point transmission
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-53-GB-BX-CDFM Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SPL-53-GB-BX-CDFM Datasheet HTML 1Page - Source Photonics, Inc. SPL-53-GB-BX-CDFM Datasheet HTML 2Page - Source Photonics, Inc. SPL-53-GB-BX-CDFM Datasheet HTML 3Page - Source Photonics, Inc. SPL-53-GB-BX-CDFM Datasheet HTML 4Page - Source Photonics, Inc. SPL-53-GB-BX-CDFM Datasheet HTML 5Page - Source Photonics, Inc. SPL-53-GB-BX-CDFM Datasheet HTML 6Page - Source Photonics, Inc. SPL-53-GB-BX-CDFM Datasheet HTML 7Page - Source Photonics, Inc. SPL-53-GB-BX-CDFM Datasheet HTML 8Page - Source Photonics, Inc. SPL-53-GB-BX-CDFM Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SPL-35-GB-BX-CDFM
SPL-53-GB-BX-CDFM
DS-6764 Rev01 2011-12-12
Preliminary
Table 5 – Optical Characteristics: SPL-53-GB-BX-CDFM
Transmitter
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Centre Wavelength
λC
1500
1550
1600
nm
Average Output Power
P0UT
-9
-6
-3
dBm
1
Average Launch Power of OFF
Transmitter
-45
dBm
Spectral Width (-20dB)
∆λ
0.88
nm
Side Mode Suppression Ratio
SMSR
30
dB
Extinction Ratio
EX
6
dB
Rise/Fall Time (20%~80%)
tr /tf
260
ps
Optical Eye Mask
IEEE 802.3ah Compatible
2
Receiver
Centre Wavelength
λC
1260
1310
1360
nm
Receiver Sensitivity
PIN
-20
dBm
3
Receiver Overload
PIN
-3
dBm
3
LOS Assert
LOSA
-45
dBm
LOS Deassert
LOSD
-20
dBm
LOS Hysteresis
0.5
4
dB
Notes:
1. The optical power is launched into SMF
2. Measured with a PRBS 2
7-1 test pattern @1.25Gbps.
3. Measured with a PRBS 2
7 –1 test pattern@1.25Gbps, BER≤1×10-12
Electrical Characteristics
Table 6 – Electrical Characteristics
Transmitter
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Data Input Swing Differential
VIN
500
2400
mV
1
Input Differential Impedance
ZIN
80
100
120
Tx_DIS Disable
VD
2.4
VCC
V
Tx_DIS Enable
VEN
GND
GND+0.8
V
TX_ Fault (Fault)
2.0
Vcc+0.3
V
TX_ Fault (Normal)
0
0.8
V
Receiver
Data Output Swing Differential
VOUT
400
1600
mV
1
Rx_LOS Fault
VLOS-Fault
2.0
Vcc+0.3
V


Similar Part No. - SPL-53-GB-BX-CDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-53-GB-BX-IDFM SOURCE-SPL-53-GB-BX-IDFM Datasheet
291Kb / 10P
   1.25Gbps bi-directional data links
More results

Similar Description - SPL-53-GB-BX-CDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-35-GB-BD-XDFM SOURCE-SPL-35-GB-BD-XDFM Datasheet
263Kb / 10P
   Up to 40km point-point transmission
SPL-45-MR-IR2-IDFM SOURCE-SPL-45-MR-IR2-IDFM Datasheet
279Kb / 10P
   Up to 40km point-point transmission
SPL-35-03-EBX-CDFM SOURCE-SPL-35-03-EBX-CDFM Datasheet
284Kb / 9P
   Up to 20km point-point transmission on SMF
SPL-35-03-EBX-IDFM SOURCE-SPL-35-03-EBX-IDFM Datasheet
284Kb / 9P
   Up to 20km point-point transmission on SMF
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
   Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC494LP3 AD-HMC494LP3 Datasheet
370Kb / 6P
   Point-to-Point
logo
Micross Components
HMC523 MICROSS-HMC523 Datasheet
894Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com