Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL-53-MR-IR1-xDFQ Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SPL-53-MR-IR1-xDFQ
Description  614.4M-2.5Gb/s bi-directional data links
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-53-MR-IR1-xDFQ Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SPL-53-MR-IR1-xDFQ Datasheet HTML 1Page - Source Photonics, Inc. SPL-53-MR-IR1-xDFQ Datasheet HTML 2Page - Source Photonics, Inc. SPL-53-MR-IR1-xDFQ Datasheet HTML 3Page - Source Photonics, Inc. SPL-53-MR-IR1-xDFQ Datasheet HTML 4Page - Source Photonics, Inc. SPL-53-MR-IR1-xDFQ Datasheet HTML 5Page - Source Photonics, Inc. SPL-53-MR-IR1-xDFQ Datasheet HTML 6Page - Source Photonics, Inc. SPL-53-MR-IR1-xDFQ Datasheet HTML 7Page - Source Photonics, Inc. SPL-53-MR-IR1-xDFQ Datasheet HTML 8Page - Source Photonics, Inc. SPL-53-MR-IR1-xDFQ Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SPL-35-MR-IR1-xDFQ
SPL-53-MR-IR1-xDFQ
DS-7489 Rev 00 2013-9-22
Features
614.4M~2.5Gb/s bi-directional data links
Up to 15km point-point transmission
1310nm DFB transmitter and 1550nm PIN
receiver for SPL-35-MR-IR1-I/CDFQ
1550nm DFB transmitter and 1310nm PIN
receiver for SPL-53-MR-IR1-I/CDFQ
Digital diagnostic monitor interface compatible
with SFF-8472
SFP MSA package with single LC receptacle
+3.3V single power supply
Power consumption less than 1W
Operating case temperature:
Industrial: -40~+85°C; Standard:-5~+70°C
RoHS compliant
Regulatory Compliance
Table 1 - Regulatory Compliance
Feature
Standard
Performance
Electrostatic Discharge
(ESD) to the Electrical Pins
MIL-STD-883E
Method 3015.7
Class 1
Electrostatic Discharge (ESD) to the
Duplex LC Receptacle
IEC 61000-4-2
Compatible with standards
Electromagnetic
Interference (EMI)
FCC Part 15 Class B
Compatible with standards
Laser Eye Safety
FDA 21CFR 1040.10 and 1040.11
EN (IEC) 60825-1,2
Compatible with Class I
laser product.
RoHS
2011/65/EU
Compliant with RoHS
Absolute Maximum Ratings
Table 2 - Absolute Maximum Ratings
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Storage Temperature
TS
-40
-
+85
°C
Supply Voltage
VCC
0
-
+4
V
Operating Relative Humidity
RH
+5
-
+95
%
Preliminary


Similar Part No. - SPL-53-MR-IR1-xDFQ

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-53-MR-IR1-CDA SOURCE-SPL-53-MR-IR1-CDA Datasheet
484Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
SPL-53-MR-IR1-CNA SOURCE-SPL-53-MR-IR1-CNA Datasheet
484Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
SPL-53-MR-IR1-TDA SOURCE-SPL-53-MR-IR1-TDA Datasheet
484Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
SPL-53-MR-IR1-TNA SOURCE-SPL-53-MR-IR1-TNA Datasheet
484Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
More results

Similar Description - SPL-53-MR-IR1-xDFQ

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-34-MR-IR1-XDFQ SOURCE-SPL-34-MR-IR1-XDFQ Datasheet
256Kb / 9P
   614.4M - 2.5Gb/s bi-directional data links
SPL-34-MR-IR2-IDFM SOURCE-SPL-34-MR-IR2-IDFM Datasheet
278Kb / 10P
   155M - 2.67Gb/s bi-directional data links
SPL-34-GB-BX-CDFM SOURCE-SPL-34-GB-BX-CDFM Datasheet
320Kb / 10P
   1.25Gbps bi-directional data links
SPL-35-GB-BX-IDFM SOURCE-SPL-35-GB-BX-IDFM Datasheet
291Kb / 10P
   1.25Gbps bi-directional data links
SP-GB-ZX-CDFC SOURCE-SP-GB-ZX-CDFC Datasheet
231Kb / 9P
   1.25Gbps bi-directional data links
logo
Elite Semiconductor Mem...
M53S128324A-2E ESMT-M53S128324A-2E Datasheet
1Mb / 47P
   Bi-directional data strobe (DQS)
M53D2561616A-2F ESMT-M53D2561616A-2F Datasheet
709Kb / 47P
   Bi-directional data strobe (DQS)
logo
Leshan Radio Company
LR24C32 LRC-LR24C32 Datasheet
538Kb / 13P
   Bi-directional Data Transfer Protocol
LR24C128 LRC-LR24C128 Datasheet
607Kb / 14P
   Bi-directional Data Transfer Protocol
logo
Elite Semiconductor Mem...
M53D128324A-2E ESMT-M53D128324A-2E Datasheet
735Kb / 47P
   Bi-directional data strobe (DQS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com