Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP-10E-LR-EDFF Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # SPP-10E-LR-EDFF
Description  1310nm DFB laser and PIN receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPP-10E-LR-EDFF Datasheet(HTML) 2 Page - Source Photonics, Inc.

  SPP-10E-LR-EDFF Datasheet HTML 1Page - Source Photonics, Inc. SPP-10E-LR-EDFF Datasheet HTML 2Page - Source Photonics, Inc. SPP-10E-LR-EDFF Datasheet HTML 3Page - Source Photonics, Inc. SPP-10E-LR-EDFF Datasheet HTML 4Page - Source Photonics, Inc. SPP-10E-LR-EDFF Datasheet HTML 5Page - Source Photonics, Inc. SPP-10E-LR-EDFF Datasheet HTML 6Page - Source Photonics, Inc. SPP-10E-LR-EDFF Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DS-7602 Rev 00
2014-02-03
SPP-10E-LR-EDFF
Absolute Maximum Ratings
Table 2 - Absolute Maximum Ratings
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Storage Temperature
TS
-40
-
+85
°C
Supply Voltage
VCC
-0.5
-
+4.0
V
Operating Relative Humidity
RH
-
-
+85
%
Recommended Operating Conditions
Table 3
– Recommended Operating Conditions
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Operating Case Temperature
TC
-5
-
+85
°C
Power Supply Voltage
VCC
3.14
3.3
3.47
V
Power Supply Current
ICC
-
-
290
mA
Power Dissipation
PD
-
-
1.0
W
Bit Rate
BR
-
10.3125
-
Gbps
Transmission Distance
TD
2
-
10,000
m
1
Note 1: Measured with SMF.
Optical Characteristics
Table 4
– Optical Characteristics
Transmitter
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Center Wavelength Range
λ
C
1260
-
1355
nm
Average Output Power
P0UT
-8.2
-
0.5
dBm
1
Optical Modulation Amplitude
OMA
-5.2
-
-
dBm
1
Average Output Power (Laser Off)
P0UT-OFF
-
-
-30
dBm
1
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Extinction Ratio
ER
3.5
-
-
dB
2
Transmitter and Dispersion Penalty
TDP
-
-
3.2
dB
Optical Return Loss Tolerance
ORLT
-
-
12
dB
Optical Eye Mask
Compliant with IEEE 802.3-2008
2
Receiver
Center Wavelength Range
λ
C
1260
-
1355
nm
Receiver Sensitivity
PIN-SENS
-
-
-14.4
dBm
3
Receiver Sensitivity in OMA
PIN-SENS(OMA)
-
-
-12.6
dBm
3


Similar Part No. - SPP-10E-LR-EDFF

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPP-10E-LR-EDFP SOURCE-SPP-10E-LR-EDFP Datasheet
443Kb / 7P
   Up to 1.4km transmission on SMF
More results

Similar Description - SPP-10E-LR-EDFF

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
DFB-1310-10LR-LCA FINISAR-DFB-1310-10LR-LCA Datasheet
249Kb / 5P
   1310nm DFB Laser Diode LC TOSA
logo
Source Photonics, Inc.
C-13-DFB2.5-T-SFCL SOURCE-C-13-DFB2.5-T-SFCL Datasheet
732Kb / 6P
   1310nm 2.5G MQW-DFB Laser Diode Module
logo
Emcore Corporation
1542 EMCORE-1542 Datasheet
787Kb / 4P
   Microwave DFB Laser Microwave DFB Laser
logo
Source Photonics, Inc.
SP-03-LR1 SOURCE-SP-03-LR1 Datasheet
277Kb / 10P
   1310nm FP laser and PIN photodetector for 40km transmission
SP-03-IR1-CDFN SOURCE-SP-03-IR1-CDFN Datasheet
293Kb / 9P
   1310nm FP laser and PIN photodetector for 15km transmission
logo
NEC
OD-S559 NEC-OD-S559 Datasheet
251Kb / 3P
   1310nm DFB-LD Module
logo
Agilent(Hewlett-Packard...
LSC2210 HP-LSC2210 Datasheet
130Kb / 6P
   14 PIN DFB Laser Module with Cooler
logo
OKI electronic componet...
OL3392L OKI-OL3392L Datasheet
43Kb / 2P
   1310nm MQW DFB Laser Diode Uncooled Module with Single Mode Fiber
logo
Optoway Technology Inc
DL-5100-1650 OPTOWAY-DL-5100-1650_07 Datasheet
113Kb / 3P
   1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com