Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1980H Datasheet(PDF) 3 Page - ON Semiconductor

Part # LB1980H
Description  3-Phase Brushless Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1980H Datasheet(HTML) 3 Page - ON Semiconductor

  LB1980H Datasheet HTML 1Page - ON Semiconductor LB1980H Datasheet HTML 2Page - ON Semiconductor LB1980H Datasheet HTML 3Page - ON Semiconductor LB1980H Datasheet HTML 4Page - ON Semiconductor LB1980H Datasheet HTML 5Page - ON Semiconductor LB1980H Datasheet HTML 6Page - ON Semiconductor LB1980H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LB1980H
No.5974-3/7
For each Hall logic setting
Vp
Vb
Ground level
Correction ratio =
25(Vp--Vb)
1005(%)
Vp--Vb
Package Dimensions
unit : mm (typ)
3233B
Pin Assignment
SANYO : HSOP28H(375mil)
15.2
(6.2)
0.3
2.7
0.8
2.0
(0.8)
1
14
15
28
0.25
LB1980H
28
27
26
25
24
23
22
1234
5
6
7
8
9
10
11
12
13
14
21
20
19
18
17
16
15
Top view
0
Ambient temperature, Ta --
°C
ILB01757
0.4
0.8
1.2
1.6
1.81
0.77
2.0
-20
0
20
40
60
80
100
Pd max -- Ta
Independent IC
0.108
0.46
Mounted on a 76.1mm
×114.3mm×1.6 mm
glass epoxy printed circuit board
75


Similar Part No. - LB1980H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
111Kb / 7P
   For VCR Capstan Motors 3-Phase Brushless Motor Driver
LB1980H SANYO-LB1980H_07 Datasheet
111Kb / 7P
   For VCR Capstan Motors 3-Phase Brushless Motor Driver
More results

Similar Description - LB1980H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com