Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11872H Datasheet(PDF) 9 Page - ON Semiconductor

Part # LB11872H
Description  Three-Phase Brushless Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11872H Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LB11872H Datasheet HTML 3Page - ON Semiconductor LB11872H Datasheet HTML 4Page - ON Semiconductor LB11872H Datasheet HTML 5Page - ON Semiconductor LB11872H Datasheet HTML 6Page - ON Semiconductor LB11872H Datasheet HTML 7Page - ON Semiconductor LB11872H Datasheet HTML 8Page - ON Semiconductor LB11872H Datasheet HTML 9Page - ON Semiconductor LB11872H Datasheet HTML 10Page - ON Semiconductor LB11872H Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LB11872H
No.7257-9/11
LB11920 Description
1. Speed Control Circuit
This IC adopts a PLL speed control technique and provides stable motor operation with high precision and low jitter.
This PLL circuit compares the phase error at the edges of the CLK signal (falling edges) and FG signal (rising edges
(low to high transitions) on the IN1 input), and the IC uses the detected error to control the motor speed.
During this control operation, the FG servo frequency will be the same as the CLK frequency.
fFG (servo) = fCLK
2. Output Drive Circuit
To minimize motor noise, this IC adopts three-phase full-wave current linear drive. This IC also adopts a midpoint
control technique to prevent ASO destruction of the output transistors.
Reverse torque braking is used during motor deceleration during speed switching and lock pull-in. In stop mode, the
drive is cut and the motor is left in the free-running state.
Since the output block may oscillate depending on the motor actually used, capacitors (about 0.1
μF) must be inserted
between the OUT pins and ground.
3. Hall Input Signals
This IC includes an AGC circuit that minimizes the influence on the output of changes in the Hall signal input
amplitudes due to the motor used. However, note that if there are discrepancies in the input amplitudes between the
individual phases, discrepancies in the output phase switching timing may occur.
An amplitude (differential) of at least 50mVp-p is required in the Hall input signals. However, if the input amplitude
exceeds 350mVp-p, the AGC circuit control range will be exceeded and kickback may occur in the output.
If Hall signal input frequencies in excess of 1kHz (the frequency in a single Hall input phase) are used, internal IC
heating during startup and certain other times (that is, when the output transistors are saturated) may increase.
Reducing the number of magnetic poles can be effective in dealing with problem.
The IN1 Hall signal is used as the FG signal for speed control internally to the IC. Since noise can easily become a
problem, a capacitor must be inserted across this input. However, since this could result in differences between the
signal amplitudes of the three phases, capacitors must be inserted across all of the three input phases.
Although VCC can be used as the Hall element bias power supply, using VREG can reduce the chances of problems
occurring during noise testing and at other times. If VREG is used, since there is no longer any need to be concerned
with the upper limit of the Hall amplifier common-mode input voltage range, bias setting resistors may be used only on
the low side.
4. Power Saving Circuit
This IC goes into a power saving state that reduces the current drain in the stop state. The power saving state is
implemented by removing the bias current from most of the circuits in the IC. However, the 6.3V regulator output is
provided in the power saving state.
5. Reference Clock
Care must be taken to assure that no chattering or other noise is present on the externally input clock signal. Although
the input circuit does have hysteresis, if problems do occur, the noise must be excluded with a capacitor.
This IC includes an internal clock cutoff protection circuit. If a signal with a frequency below that given by the formula
below is input, the IC will not perform normal control, but rather will operate in intermittent drive mode.
f (Hz)
≈ 0.64 ÷ CCSD CCSD (μF) : The capacitor inserted between the CSD pin and ground.
When a capacitor of 0.022
μF is used, the frequency will be about 29Hz.
If the IC is set to the start state when the reference clock signal is completely absent, the motor will turn somewhat and
then motor drive will be shut off. After the motor stops and the rotor constraint protection time elapses, drive will not be
restarted, even if the clock signal is then reapplied. However, drive will restart if the clock signal is reapplied before the
rotor constraint protection time elapses.


Similar Part No. - LB11872H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
More results

Similar Description - LB11872H

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com